Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 80Page - STMicroelectronics L9965P-FP Datasheet HTML 81Page - STMicroelectronics L9965P-FP Datasheet HTML 82Page - STMicroelectronics L9965P-FP Datasheet HTML 83Page - STMicroelectronics L9965P-FP Datasheet HTML 84Page - STMicroelectronics L9965P-FP Datasheet HTML 85Page - STMicroelectronics L9965P-FP Datasheet HTML 86Page - STMicroelectronics L9965P-FP Datasheet HTML 87Page - STMicroelectronics L9965P-FP Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
3.18.2
NVM data integrity checks
NVM content can be categorized in two main groups: trimming/calibration data (used to guarantee function
accuracy) and configuration data (used to IC configuration). All this data is organized in sectors, each of them
individually protected by CRC. Trimming/calibration data and configuration data are in different sectors.
Every time the IC performs an NVM download operation (either automatic or user-driven), an integrity check
against the NVM CRC (sector by sector) is performed as well. In case of check failure, the following actions are
performed:
•
The sector data that fails CRC check is not downloaded into the local registers and is replaced by all zeros.
Hence, depending on the sector content, either function accuracy will not be guaranteed or IC expected
configuration will not be applied.
•
In case at least one of the trimming/calibration sectors has failed the CRC check,
NVM_CRC_TRIM_CAL_FAIL latch is set (clear-upon-read). When NVM_CRC_FAIL_MSK is set to 1, this
flag can always be cleared.
•
In case at least one of the IC configuration sectors has failed the CRC check, NVM_CRC_CFG_FAIL latch
is set (clear-upon-read). When NVM_CRC_FAIL_MSK is set to 1, this flag can always be cleared.
•
The deployment is inhibited and FAULTN is asserted but there is no interruption/inhibition of other IC
functionalities. It is possible to mask this behavior setting the NVM_CRC_FAIL_MSK bit.
Every time the user triggers an NVM upload and refresh operation, the corresponding sector CRC is updated as
well; this is done by IC automatically.
3.18.3
NVM electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 89. NVM electrical parameters
Symbol
Parameter
Test condition
Min Typ Max
Unit
NNVM_WRITE_CYCLES
Number of allowed NVM write cycles to guarantee
data retention
Guaranteed by SCAN
-
-
31
cycles
tNVM_UPLOAD
NVM upload time duration (as sum of write and
download operations)
Guaranteed by SCAN
-
-
12
ms
tNVM_DOWNLOAD
NVM download time duration
Guaranteed by SCAN
-
-
500
µs
L9965P
Functional description
DS14702 - Rev 4
page 84/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com