Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 80 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 76Page - STMicroelectronics L9965P-FP Datasheet HTML 77Page - STMicroelectronics L9965P-FP Datasheet HTML 78Page - STMicroelectronics L9965P-FP Datasheet HTML 79Page - STMicroelectronics L9965P-FP Datasheet HTML 80Page - STMicroelectronics L9965P-FP Datasheet HTML 81Page - STMicroelectronics L9965P-FP Datasheet HTML 82Page - STMicroelectronics L9965P-FP Datasheet HTML 83Page - STMicroelectronics L9965P-FP Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Table 80. CLIENT_NVM_REG_10 - 0x2A
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
TRIM_FENX_TIMEOUT_FAULTN_MSK
RW
9
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
FENx_PWM_TIMEOUT and
FENx_LEV_TIMEOUT
masked
TRIM_FENX_LOW_FREQ_FAULTN_MSK
RW
8
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
FENx_LOW_FREQ masked
TRIM_FENX_HIGH_FREQ_FAULTN_MSK RW
7
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
FENx_HIGH_FREQ masked
TRIM_ERCAP_ESR_THR
RW
0
7
0x0
nPOR_SLEEP
Threshold for ER CAP ESR
value
Table 81. CLIENT_NVM_REG_11 - 0x2B
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
NVM_UPLOAD_COUNT
RO
5
5
0x0
nPOR_SLEEP Number of NVM writing
TRIM_FAULTN_DIS
RW
4
1
0x0
nPOR_SLEEP
0 = FAULTN output enabled
1 = FAULTN output disabled
TRIM_FIRE_GOOD_SEL
RW
2
2
0x0
nPOR_SLEEP
Selection of FIRE_GOOD signal:
00 = Meas res
01 = Dep curr
10 = Meas res and dep curr
11 = None
RESERVED
RW
1
1
0x0
nPOR_SLEEP Reserved
TRIM_PS_OV_FAULTN_MSK RW
0
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from PS_OV
masked
Table 82. CLIENT_NVM_REG_12 - 0x2C
Field name
Type Bit offset Bit width Reset value Reset sources
Description
UNUSED
RW
8
2
0x0
nPOR_SLEEP
CLIENT_CONFIG_CRC
RO
0
8
0x0
nPOR_SLEEP Written internally after NVM download
Table 83. SPECIAL_KEY - 0x30
Field name
Type
Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RO
8
2
0x0
nPOR_MAIN
SPECIAL_KEY
RW
0
8
0x0
nPOR_MAIN
0x55 = Partial unlock
0x33 = Full unlock
0xAA= Lock
0xE1 = Partial SW reset
0x1E = Full SW reset
0x77 = Partial GO2SLP
0xCC = Full GO2SLP
L9965P
Functional description
DS14702 - Rev 4
page 80/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com