Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 72Page - STMicroelectronics L9965P-FP Datasheet HTML 73Page - STMicroelectronics L9965P-FP Datasheet HTML 74Page - STMicroelectronics L9965P-FP Datasheet HTML 75Page - STMicroelectronics L9965P-FP Datasheet HTML 76Page - STMicroelectronics L9965P-FP Datasheet HTML 77Page - STMicroelectronics L9965P-FP Datasheet HTML 78Page - STMicroelectronics L9965P-FP Datasheet HTML 79Page - STMicroelectronics L9965P-FP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Table 71. CLIENT_NVM_REG_1 - 0x21
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
TRIM_FENX_FAULT_PERIOD
RW
8
2
0x0
nPOR_SLEEP
Number of PWM periods as
deglitch filter:
00 = 2
01 = 8
10 = 32
11 = 128
TRIM_FENX_DEGLITCH
RW
6
2
0x0
nPOR_SLEEP
Deglitch filter for level signal:
00 = 20 μs
01 = 80 μs
10 = 320 μs
11 = 1280 μs
TRIM_PYRO_HIGH_RES_FAULTN_MSK RW
5
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
PYRO_HIGH_RES masked
TRIM_PYRO_LOW_RES_FAULTN_MSK
RW
4
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
PYRO_LOW_RES masked
TRIM_I_DEPLOY_CFG
RW
2
2
0x0
nPOR_SLEEP
Deployment current profile:
00 = 1.5 A
01 = 1.75 A
10 = 2 A
11 = 3.5 A
TRIM_FENX_DLY_CFG
RW
0
2
0x0
nPOR_SLEEP
Deployment trigger delay:
00 = No delay
01 = 2 ms
10 = 4 ms
11 = 8 ms
Table 72. CLIENT_NVM_REG_2 - 0x22
Field name
Type Bit offset Bit width
Reset
value
Reset sources
Description
TRIM_ERBSTSW_OT_FAULTN_MSK
RW
9
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
ERBST_OT masked
TRIM_ERBSTSW_OC_FAULTN_MSK RW
8
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
ERBST_OC masked
RESERVED
RW
7
1
0x0
nPOR_SLEEP Reserved
TRIM_VRES_LOW_TH
RW
0
7
0x0
nPOR_SLEEP
Low threshold for
PYRO_RES measurement
L9965P
Functional description
DS14702 - Rev 4
page 76/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com