Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 30Page - STMicroelectronics L9965P-FP Datasheet HTML 31Page - STMicroelectronics L9965P-FP Datasheet HTML 32Page - STMicroelectronics L9965P-FP Datasheet HTML 33Page - STMicroelectronics L9965P-FP Datasheet HTML 34Page - STMicroelectronics L9965P-FP Datasheet HTML 35Page - STMicroelectronics L9965P-FP Datasheet HTML 36Page - STMicroelectronics L9965P-FP Datasheet HTML 37Page - STMicroelectronics L9965P-FP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
tON_FAULT_1H
FENH/FENL valid on-
time range for high
signal at low PWM
FENx_MODE = 1, FENx_FREQ
= 1 and FENx_LEVEL = 1
34.3 46.9 64.7
µs
FENH,
FENL
tFENx_TIMEOUT
FENH/FENL timeout for
integrity check in level
mode
FENx_MODE = 0
1.75
2
2.25
ms
FENH,
FENL
tDEPLOY_DELAY_00
FENH/FENL deploy
trigger delay
FENX_DLY_CFG = 00
-
0
-
ms
FENH,
FENL
tDEPLOY_DELAY_01
FENX_DLY_CFG = 01
1.8
2
2.2
ms
FENH,
FENL
tDEPLOY_DELAY_10
FENX_DLY_CFG = 10
3.6
4
4.4
ms
FENH,
FENL
tDEPLOY_DELAY_11
FENX_DLY_CFG = 11
7.2
8
8.8
ms
FENH,
FENL
3.6.2
Power stage (PS/PF/PR/PGND)
The power stage is made of two power switches whose actuation is triggered by two independent paths, as
shown in the Figure 10.
The Figure 16 shows the equivalent load model of a pyro-fuse igniter input. The following circuit have been
considered when performing power stage diagnostics and deployment simulations.
Figure 16. Pyro-fuse input model
RPYRO
PF
PR
RWIRE/2
CPF
RWIRE/2
LWIRE/2
LWIRE/2
LEMI
CPR
CPYRO
3.6.2.1
Active pull-down on LS
A pull-down current generator (IACT_PD_PR) is present on PR pin to have a minimum current-limited pull-down
path to PR and PF pin. The circuit is connected between PR pin force pad and GND pin. As a diagnostic resource
is enabled, the pull-down generator is automatically disabled. It is possible to force the disable state of the pull-
down generator using the PR_PD_DIS bit located in the INTERNAL_CFG register.
3.6.2.2
LS driver deactivation delay
A delay tLS_OFF_DEACT is implemented in the LS driver deactivation with respect to HS driver to:
•
Limit the LS recirculation energy after fire to ELS_CLAMP;
•
Protect the device pins against voltage spikes at the end of a deployment event, clamping the voltage to
VLS_CLAMP.
No equivalent delay is applied at deployment event start.
3.6.2.3
Pyro-fuse deployment profile
The HS power-stage features a current controlled powerMOS supporting flexible deployment profiles. It is
possible to configure both the current level and the duration:
•
The I_DEPLOY_CFG field selects the target deploy current level;
•
The T_DEPLOY_CFG field selects the target deploy time.
L9965P
Functional description
DS14702 - Rev 4
page 34/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com