Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 36 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 36 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 32Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 33Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 34Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 35Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 36Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 37Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 38Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 39Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 40Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
312
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
Wire and Valve Locator
• Adjustable transmit power allows you to select the best signal for maximum
performance
• Transmitter’s high power output offers extended range and use on higher
resistance wire paths that other locators can’t touch
• Receiver provides both audible and visual indications of signal strength.
• Lightweight receiver wand makes it easy for you to move along quickly
to locate even the longest wire path
• Rugged headphones block ambient noise and improve “feel” for the signal
• Includes transmitter, receiver, headset, ground stake, and complete instructions
• Battery-operated: (8) “D” Cells and (1) 9V
SPECIFICATIONS
Power Requirements
Transmitter: (8)
“D” Cell;
Receiver: (1) 9V battery
Battery Life
Transmitter: 50 hours nominal
Receiver: 100 hours nominal
Transmitter Frequency
1748Hz
Transmitter Power
750Vp-p 285Vrms
Voltage Protection
120VAC/250VDC
Construction
Powder-coated aluminum housing in polyethylene case
Case Dimensions
33.5" x 8.25" x 3.75"
Weight
12 lbs. complete
CAT. NO.
UPC NO.
DESCRIPTION
521A
86788
Wire and Valve Locator
521A-R
12623
Receiver
HS-1
08695
Headset
Locators Application Guide
1. 10,000 ohms and less–both ends isolated from grounds.
2. Does not locate the path–has to be predetermined and only in direct burial applications. 5,000,000 and less.
3. Transmitter connected to metallic shield.
4. Will trace coax providing the bOnd is in place at the remote end–will disrupt service.
5. No sorting (high RF bleeds) can trace coax if transmitter connected to braid.
6. Low frequency locators need a “path to earth” (dirt), 5000 ft. on an open conductor and 2500 ft. on a metallic pipe at 3 ft. deep
FEATURE
BLL-200
501
PE2003
508S
521A
Trace concealed wiring in walls and floors
•
•
Locate junction box relays and transformers
•
Locate switch gear
•
Find shorts to ground
•2
•1
Trace wires in PVC (nonmetallic conduit)
•
•
•
Find opens in a circuit
•
Localize power and lighting panels
•
•
•
Operate on energized circuits
•
•
•
Operate on telecom circuits
•
•
•
•
Operate on power circuits (600VAC)
•
Operate on unenergized circuits
•
•
•
•
•
Trace shielded cable
•
•3
•3
•3
Trace buried metal conduit
Trace coax cable
•
•5
•5
•4
Auto gain circuitry for improved accuracy
•
AC voltage range
0-600V
0-240V
0-240V
0-240V
0-120V
DC voltage range
0-300V
0-500V
0-400V
0-500V
0-250V
Distance–receiver from transmitter
5,000 ft.
•7
5000 ft.
1000 ft.
•6
Transmitter battery
(4) AA
(8) AA
12V
rechargeable
(1) 9V
(8) D
Receiver battery
(4) AA
(1) 9V
(1) 9V
(1) 9V
(1) 9V
7. Direct Connection 4,000 ft at 7 ft deep
Inductive Coupler 1,000 ft at 3 ft deep
Inductive Antenna 700 ft at 3 ft deep
521A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com