Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 15 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 15 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 11Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 12Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 13Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 14Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 15Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 16Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 17Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 18Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 19Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
291
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
CableScout™ TV220 - TDR Cable Tester for CATV
CAT NO.
UPC NO.
DESCRIPTION
TV220
00676
TDR for CATV Broadband
TV220-0350
17404
Soft Carrying Case
1155-1010
25877
Power Supply, AC-DC
174173401
21640
Vehicle DC Adapter/Charger
174326900
21641
Replacement Power Cord
SPECIFICATIONS
Output
Test Signal Output – 1/2 Sine
Amplitude – 4V into 75 Ω
Pulse Width – 1 ns, 5 ns, 25 ns
Output Impedance – 75 Ω
Acquisition System Bandwidth – 400 MHz
Return Loss
Automatic at cursor location
Resolution: ±1 dB
Input Protection – ±400 VDC + peak AC up to 440 Hz,
30-second duration
Maximum Distance Range – 12,000 ft. (3,658 m),
depending on cable type and condition
Gain – 0 to 72 dB
Waveform Storage – Minimum of 20 waveforms with notes
Distance Accuracy
Feet:
0 to 2,000 ft.: ±2 ft. ± uncertainty in Vp 2,001 to 6,000
ft.: ±3 ft. ± uncertainty in Vp 6,001 to 12,000 ft.: ±4 ft. ±
uncertainty in Vp Meters:
0 to 610 m: ±0.6 m ± uncertainty in Vp
611 to 1830 m: ±0.9 m ± uncertainty in Vp 1831 to 3658
m: ±1.2 m ± uncertainty in Vp
Display
Resolution: 640 x 440 (281,600 pixels)
Size: 7.2 inch
Type: High contrast LCD
Backlight: Operator switchable
Waveform Display Resolution – 0.33% of selected range,
4.5 cm (0.15 ft.) minimum
Display Ranges – Twelve display ranges from 6 ft.
(1.8 m) to 12,000 ft. (3,658 m), plus single-button
zoom window
Output Port – Serial 9-pin D type connector
Distance Measurements – Meters, feet, nanoseconds
SPECIFICATIONS
Power
AC Operation –
Voltage Ranges: 110 V, 220 V, or 240 V with appropriate
AC to DC adapter
Line Frequency: 50 Hz to 60 Hz
DC Operation –
Voltage Range: 9 to 16 VDC @ 1A (charging and operating)
Battery Operation –
Type: Internal Li-Ion rechargeable battery
Operating Time: Typically 12 hours continuous operation
(backlight off)
Battery Savers (user selectable) –
Shutoff: 5 to 30 minutes or disabled
Backlight: Shutoff 5 to 30 minutes, disabled, or always on
General Characteristics
Temperature –
Operating: –10° C to +40° C (+11° F to +104° F) Non-
operating: –20° C to +60° C (–4° F to +140° F) Humidity
– 10% to 95% (non-condensing)
Field Usage – Shock, water, and dust resistant
Durability – Survives drop of 2 meters (6 ft.) to concrete in
standard soft case. Drip proof, dust resistant
EMI Emissions –
EN55011, Class A
EN60555-2
Safety –
CE (Low Voltage Directive)
PHYSICAL
Dimensions
Centimeters
Inches
Height
24
9.5
Width
30
11.5
Depth
9
3.5
Weight
Kilograms
Pounds
Net
3
6.4
• Easier-to-use GUI interface requires little or no training
• PC application is compatible with all the current operating systems
• Improved clarity and trace functionality makes it even easier to identify faults
on-screen and determine noise versus the fault
• Even higher SNR and Resolution makes it easier to identify events that were
previously difficult or impossible to find
• Zero dead zone at the launch allows the user to see faults immediately
• Improved trace update rate allows you to see changes to the fault faster (5
times/sec. versus 2 times/sec.)
• Higher capacity to hold traces
• USB interface for trace download
• Lighter weight and longer charge life with the new lithium-ion battery
• TestWizard™ one-button testing
• Automatic Return Loss Measurements
• Automatic Multiple Event Marking
• High-Resolution, Short Pulse Width (1 ns)
• Rugged enough to withstand a 2 meter drop
TV220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com