Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 53 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 53 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 49Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 50Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 51Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 52Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 53Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 54Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 55Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 56Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 57Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
329
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
SPECIFICATIONS
OPTICAL
Center Wavelength
1300 nm
Range (Typical)
150 nm
Max. Spectral Width (FWHM)
<55 nm
Stability (1 hour)
±0.05 dB
Launch Profile
M90
Power Output into MM 62.5/125
GI fiber
-20 dBm
Modular Frequencies
270 kHz, 1 kHz and 2 kHz ±5%
Power Requirements
Two AA size 1.5V batteries
(approx. 24 hours continuous
operation)
Connector Interface
Universal connector interface,
physical contact (UCI-PC)
1300 nm LED Source with M90 Launch Condition using 62.5/1.25 Fiber
• 850 nm wavelength
• Stable calibrated output
• Easy to use
• Continuous wave and modulated output
• Universal connector interface
• Long battery life - approx. 24 hours
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241g (8.5 oz.)
CE
EN61010; EN50081-1: 1992;
EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
CAT. NO.
UPC NO.
DESCRIPTION
578XL-M90
00753
LED Source 1300 NM, 62.5/1.25 Fiber
APC-108
60572
FC/PC UCI Adapter
ATS-108
60573
ST/PC UCI Adapter
ASC-108
60574
SC/PC UCI Adapter
850 nm LED Source with AS-100 Launch Condition using 100/140 Fiber
• 850 nm wavelength
• Stable calibrated output
• Easy to use
• Continuous wave and modulated output
• Universal connector interface
• Long battery life - approx. 24 hours
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
SPECIFICATIONS
OPTICAL
Center Wavelength
850 nm
Range (Typical)
840 nm to 880 nm
Max. Spectral Width (FWHM)
<55 nm
Stability (1 hour)
±0.05 dB
Launch Profile
AS100
Power Output into MM 100/140
GI fiber
-13 dBm ±0.5 dB
Modular Frequencies
270 kHz, 1 kHz and 2 kHz ±5%
Power Requirements
Two AA size 1.5V batteries
(approx. 24 hours continuous operation)
Connector Interface
Universal connector interface, physical contact (UCI-PC)
CAT. NO.
UPC NO.
DESCRIPTION
577XL AS100
00029
850 nm LED source w/AS100 Launch
APC-108
60572
FC/PC UCI Adapter
ATS-108
60573
ST/PC UCI Adapter
ASC-108
60574
SC/PC UCI Adapter
577XL AS100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com