Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 51 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 51 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 47Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 48Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 49Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 50Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 51Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 52Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 53Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 54Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 55Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
327
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
High Intensity Fiber Optic Power Meter
• Easy to use - three buttons control all functions
• Multi-Wavelength Storage: Store and recall reference power levels for
faster, more efficient measurements
• 0.01dB measurement resolution
• Loss measurements in (dB); power measurements in (dBm)
• Snap on connector interface adapts to FC, SC and ST connectors; Contact
Greenlee for other available adapters
• Long battery life
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
568XL
00026
XL fiberTOOLS® - High Intensity Optic Power Meter
SPECIFICATIONS
Environmental
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
SPECIFICATIONS
OPTICAL
Detector Type
2 mm indium-arsenide (InGaAs)
Calibration Wavelengths
980 nm, 1310 nm, and 1550 nm
Power Range
+25 to -30 dBm (1310 nm and 1550 nm);
+25 to -27 dBm measurement range at 980 nm.
To avoid thermal damage, limit exsposure high
power (greater than +23 dBm) to less than
30 minutes.; +25 to -27 dBm (980 nm only)
Linearity at:
(1310nm and 1550nm)
+25 dBm to +22 dBm
+22 dBm to +18 dBm
+18 dBm to +10 dBm
+10 dBm to -30 dBm
±1.0 dB
±0.5 dB
±0.2 dB
±0.05 dB
Absolute Accuracy
±0.25dB at calibration conditions
Wavelength Dependence
975 to 985 nm
1270 to 1330 nm
1500 to 1625 nm
0.025 dB/nm
0.0033 dB/nm
0.0016 dB/nm
Polarization Dependence
<0.1 dB
Resolution
±0.01 dB
Power Requirements
Two AA size 1.5V batteries
(approx. 100 hours continuous operation)
Connector Interface
SOC
568XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com