Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 48 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 48 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 44Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 45Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 46Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 47Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 48Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 49Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 50Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 51Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 52Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
324
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Video Inspection Scope
Video Inspection Scope Adapter Tips
• Industry leading field of view
• Transmits live images and data via Wi-Fi from the GVIS 400-HDP via GPAD 250 USB
• PASS/FAIL via GPAD 250 conforming to IEC 61300-3-35
• Compatible with Greenlee inSpec and OpTest apps for Android
• Wireless transmission of dB loss readings from the GRP 460
CAT. NO.
UPC NO. DESCRIPTION
GAC 034B
03180
E2000 Adapter GVIS
GAC 040B
03181
SC Adapter GVIS
GAC 041B
03182
SC/APC Adapter GVIS
GAC 042B
03183
FC Adapter GVIS
GAC 043B
03184
FC/APC Adapter GVIS
GAC 044B
03187
LC Adapter GVIS
GAC 045B
03188
LC/APC Adapter GVIS
GAC 046B
03189
ST Adapter GVIS
GAC 047B
03192
MTP/APC Adapter GVIS
GAC 048B
03190
1.25mm Universal Adapter GVIS
GAC 049B
03191
2.5mm Universal Adapter GVIS
GAC 050B
03193
MTP Straight Adapter GVIS
GAC 052B
01896
OptiTap SC/APC Adapter for GVIS
GAC 104B
03199
FC Adapter, 60-Degree Angled GVIS
GAC 107B
03202
SC Adapter, 60-Degree Angled GVIS
GAC 109B
03200
LC Adapter, 60-Degree Angle GVIS
GAC 115B
02050
2.5mm APC Adapter for GVIS
GAC 116B
02051
1.25mm APC Adapter for GVIS
CAT. NO.
UPC NO. DESCRIPTION
GPAD-250
03179
Wi-Fi Portable Access Device - For use with the GVIS-400 HDP
SPECIFICATIONS
Dimensions
4.5”L x 1.5”W x 2.75”H (114 mm x 38 mm x 70 mm)
Weight
0.5 lbs (23 kg)
Wi-Fi Connectivity
802.11 abgn Wi-Fi Access Point
Battery
11.1 volt lithium ion, 4 hour battery life
Battery Charger
AC Wall pack 12.6 volt lithium ion charger
Communication Distance
200 feet / 61 meters (GPAD 250 to wireless device)
GPAD-250
GAC 040B
GAC 044B
GAC 048B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com