Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 40 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 40 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 36Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 37Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 38Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 39Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 40Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 41Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 42Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 43Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 44Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
316
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Optical Fiber Cleaver
• Accurate Cleaves. Cleave multi-mode and single-mode fiber optic cables
• Long Life. Blades rotate for longer life - over 48,000 cleaves
• Adaptable. Supports 250um, 900um fibers
• For use with the 910FS Optical Fusion Splicer for maximum speed and efficiency
• Dust bin. Safely collects end cuts during cleaving process
CAT. NO.
UPC NO. DESCRIPTION
910CL
01331
Optical Fiber Cleaver
910CL-BLADE
16403
Cleaving Wheel
910C-CLAMP
31529
Fixed Clamp with Screw (910CL)
910FS
01328
Optical Fusion Splicer
910FS-250
01332
250µm Adapter
910FS-900
01333
900µm Adapter
910FS-BOWTIE
01334
Bowtie Adapter
PA1171
12225
Buffer Strippers
PA1511
10312
Kevlar Cutter
SPECIFICATIONS
Applicable Fibers
SM (G.652); MM (G.651); DS (G.653); NZDS (G.655); BIF (G.657)
Fiber Cleaved Length
10mm
Cladding Diameter
125μm
Coating Diameter
0.25 mm and 0.9 mm
Fiber Count
Single
Cleaving Angle
< 1.5˚
Blade Life
48,000 Cleaves
Weight
0.56 lbs (255 g)
Dimensions
2.29" x 2.17" x 1.89" (58 x 55 x 48 mm)
Note: If the 910CL is purchased without a
splicer. Please order either the 250um or
900um adapters or the fixed clamp.
Splice-On Connector
• Return loss: APC >60dB, UPC >55dB and MM 35dB (typical)
• 19 styles available: SM, MM, 10Gig
• Compatible with selected AFL, Sumitomo, and Fitel fusion splicers, suitable adapter
may be required
• 900um boot protects splice for easy cable management
• Includes color coded 900um buffer, boot, cleave protector and extended dust cap for
easy fiber indentification
SPECIFICATIONS
Connector Type
SM/APC
SM/UPC
MM/62.5UM
MM/50UM
MM/0M3
MM/0M4
Insertion Loss (Max)
0.3dB
0.4dB
Optical Return Loss
>65dB
>55dB
35dB (Typical)
Ferrule Type
All Zirconica Pre-Polished Ferrules
Color Code
Green
White
Beige
Black
Aqua
Aqua
Operating Temperature
-40 to 85 degrees C
Industry Standards
RoHS Compliant, Tecordia GR-326-CORE Compliant
COMPATIBLE FUSION SLICERS
Manufacturer
AFL
Sumitomo
Fitel
INNO
FIS
Model
FSM11
(S/M)
FSM-17S
FSM-18S
Type-25e
(U/S/M)
S122
(A/C/M/)
IFS10
CA3
FSM-19S
Type-39FH
S121 (A/M)
IFS15
FSM-60(S/R) Type-46
S123 (C/M)
FSM-70(S/R) Type-66
S153
Quantum
(Q101-CA)
S178A
Compatible
fiberTOOLS® SOCs
All
Versions
SC and
LC Only
SC,LC and
ST Only
All
Versions
All
Versions
All
Versions
All
Versions
910CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com