Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 94 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 94 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 90Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 91Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 92Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 93Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 94Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 95Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 96Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 97Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 98Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
370
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
Non-Impact Punchdown Tools with Fixed Blades
• Non-impact, low-cost punchdown tools for 110, 66 & BIX
• Works with 28-22 AWG (.08 - .5 mm2)
• Solid or stranded, single insulation wire
• Comfortable rubber handle grip
• Performs both cut and punch functions
• Perfect for small jobs and the do-it-yourself installer
• Fits in the palm of your hand
• Typically lower in cost than replacement blades for punchdown tools
CAT. NO.
DESCRIPTION
WEIGHT
PA3580
110 Punchdown Tool
3 oz
PA3581
66 Punchdown Tool
3 oz
PA3582
BIX™ Punchdown Tool
3 oz
Punchdown Stripper
• Self-regulating strip depth
• Fast and easy to use
• Great for CAT-5, CAT-5e, and CAT-6 data cable
• Built-in 110 punchdown (punch only)
CAT. NO.
DESCRIPTION
WEIGHT
PA1913
Punchdown stripper
2 oz
PA3582
PA3581
PA3580
open
closed
Pocket Probe Pick
Probe pick for pulling wire, slicing, stripping cable and cleaning debris off terminal
panels. Small and lightweight—pen-sized with clip for carrying in pocket
• Spudger tip
• Wire hook
• Wire stripper and slitting tooth
• Non-conductive scraping tip
CAT. NO.
DESCRIPTION
WEIGHT
PA1915
Pocket probe pick
3 oz
Can Wrench
• Strips PVC insulation
• Strips outer jacket of AWG 22/4 and 24/4 telephone cable
• Strips insulation of AWG 22 (.34 mm2) and AWG 24 (.20 mm2) wire
• 3/8” (9.5 mm) and 7/16” (11 mm) hex sockets for accessing panels
• Durable shock-resistant design
CAT. NO.
DESCRIPTION: HEAVY DUTY KEYSTONE TIP-
WEIGHT
PA1900
Can Wrench
5 oz
PA1913
PA1915
PA1900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com