Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-PRO4 Datasheet(PDF) 103 Page - Greenlee Communications

Part # DST-SW-PRO4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-PRO4 Datasheet(HTML) 103 Page - Greenlee Communications

Back Button DST-SW-PRO4 Datasheet HTML 99Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 100Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 101Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 102Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 103Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 104Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 105Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 106Page - Greenlee Communications DST-SW-PRO4 Datasheet HTML 107Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
379
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
SPECIFICATIONS
Weight
14 oz. (400 g)
Range
Small: 30-24 AWG (0.05-.20 mm2)
Medium: 22-18 AWG (.34-.75 mm2)
Open Barrel Contact Pin Crimper
Professional crimping tool for open-barrel box and round connector contacts
with a wire range of 30-18AWG (0.05-.75 mm2)
• Precision fixed dual-plate dies for crimp accuracy
• Crimps non-insulated terminal lugs, cable lugs and parallel and serial
splices or “F-Type”
• Works with Molex, Waldom & Leoco-type connectors
• Durable steel construction for long life
• Rubber-embedded ergonomic handles for low-effort operation
CAT. NO.
DESCRIPTION
PA1645
Open Barrel Contact Pin Crimper
SPECIFICATIONS
Weight
14 oz. (400 g)
Range
Small: 24-22 AWG (0.05-.20 mm2)
Medium: 18-14 AWG (.34-.75 mm2)
Open Barrel Contact Pin Crimper
Professional crimping tool for open-barrel box and round connector
contacts with a wire range of 24-14 AWG (0.2-2.5 mm2)
• Precision fixed dual-plate dies for crimp accuracy
• Built-in locator
• Crimps non-insulated terminal lugs, cable lugs and parallel and
serial splices or “F-Type”
• Works with Molex, Waldom & Leoco-type connectors
• Durable steel construction for long life
• Rubber-embedded ergonomic handles for low-effort operation
CAT. NO.
DESCRIPTION
PA1631
Open Barrel Contact Pin Crimper
PA1645
PA1631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com