Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 20Page - STMicroelectronics TDA7801PDTR Datasheet HTML 21Page - STMicroelectronics TDA7801PDTR Datasheet HTML 22Page - STMicroelectronics TDA7801PDTR Datasheet HTML 23Page - STMicroelectronics TDA7801PDTR Datasheet HTML 24Page - STMicroelectronics TDA7801PDTR Datasheet HTML 25Page - STMicroelectronics TDA7801PDTR Datasheet HTML 26Page - STMicroelectronics TDA7801PDTR Datasheet HTML 27Page - STMicroelectronics TDA7801PDTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Functional description
TDA7801
24/48
DocID022674 Rev 4
It is possible to run the turn-on diagnostic several times by simply resetting the D7-IB0
meanwhile the amplifier is in amplifier mode and writing back '1' on D7-IB0 when the
amplifier is in tristate mode.
Between two diagnostic sequences it is necessary to reset the data register by an I2C
reading instruction. Note that the reading instruction has been placed during the second
diagnostic pulse.
The µP can program the TDA7801 in order to run a cycle of turn-on diagnostic and to move
in amplifier-mode at the end of this cycle (Figure 28)); the I2C bus instructions needed to
program this sequence are:
11011000 -00100000-1XXXXXXX-1XXXXXXX
Note:
The diagnostic enable bit (D7-IB0) has to be set before the amplifier mode bit (D7-IB1)
Figure 28. Turn-on diag. cycle with transition in amp. mode. Positive and negative
output behaviour
The information related to the outputs status is read and memorized at the end of the
voltage pulse top. The diagnostic cycle last no more than Td. No audible noise is generated
in the process. As for short to GND / Vs the fault-detection thresholds remain unchanged
independently of the gain setting. They are as in Figure 29.
Table 7. Start-up diagnostic pulse typical timing
Symbol
Parameter
Value
Unit
Min.
Typ.
Max
tSTR(1)
1. These tSTR and tSTF values are relative to capacitors on A3V3 and D3V3 respectively equal to 47 µF and
22 µF. The tSTR and tSTF are proportional to capacitors value.
Start-up diagnostic rise
0.8
1.5
3
ms
tSH(2)
2. Values relative to fs = 44100Hz.
Short to Vcc/Gnd check
5
ms
tPL(2)
Plateau time
162
ms
tSTF(1)
Start-up diagnostic fall
6
8.5
14
ms
tDELAY(2)
Delay time before play
5
ms
tD
Diagnostic pulse
182
190
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com