Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 23Page - STMicroelectronics TDA7801PDTR Datasheet HTML 24Page - STMicroelectronics TDA7801PDTR Datasheet HTML 25Page - STMicroelectronics TDA7801PDTR Datasheet HTML 26Page - STMicroelectronics TDA7801PDTR Datasheet HTML 27Page - STMicroelectronics TDA7801PDTR Datasheet HTML 28Page - STMicroelectronics TDA7801PDTR Datasheet HTML 29Page - STMicroelectronics TDA7801PDTR Datasheet HTML 30Page - STMicroelectronics TDA7801PDTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
DocID022674 Rev 4
27/48
TDA7801
Functional description
6.6
Multiple faults
Faults can occur simultaneously. If this happens, faults are read out according to a "priority
table" (see Table 8); this guarantees that the most dangerous fault is signalled. This is true
only for the turn-on diagnostic but not in case of permanent diagnostic (only the faults
causing protection intervention are recognized).
In permanent diagnostic mode the table is the same, with only a difference concerning open
load, which is not among the recognizable faults. If an open load is present during the
device's normal operation, it should be detected at a subsequent turn-on diagnostic cycle
(i.e. at the successive car radio turn-on).
6.7
Faults availability
All the results coming from I2C bus, by read operations, are the consequence of
measurements inside a defined period of time. If the fault is stable throughout the whole
period, it will be sent out.
The turn-on diagnostic faults are reported on the byte DB 0-3 at the bits D 4-0. The faults
are consistent when the bit D6 of DB0 is '1'. The byte DB 0-3 is reset when read.
During Amplifier-mode, when the bit D4 of byte DB 0-3 is '1' an overload on the
correspondent channel has been detected and a 100 ms permanent diagnostic cycle has
been done. The data on the bits D 4-0 reports the results of this diagnostic cycle. If the bits
are all zero it means that an overload event has been detected, a 100ms cycle has been
performed and the fault has not been detected or removed.
6.8
I2C programming/reading sequence
A correct turn on/off sequence respectful of the diagnostic timings and producing no audible
noises could be as follows (after battery connection):
a)
Turn-on: (Stand-by out + DIag Enable)
 200 ms (min.)  Muting out
b)
Turn-off: Muting in
 10 ms  (Diag disable + stand-by in)
c)
Car radio installation: DIag enable (write)
 200 ms  I2C read (repeat until all
faults disappear).
Table 8. Multiple faults priority
S. GND
S. Vs
S. Across L.
Open L.
S. GND
S. GND
S. Vs + S. GND
S. GND
S. GND
S. Vs
/
S. Vs
S. Vs
S. Vs
S. Across L.
/
/
S. Across L.
N.A.
Open L.
/
/
/
Open Load (1)
1.
Only in Startup Diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com