Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 24Page - STMicroelectronics TDA7801PDTR Datasheet HTML 25Page - STMicroelectronics TDA7801PDTR Datasheet HTML 26Page - STMicroelectronics TDA7801PDTR Datasheet HTML 27Page - STMicroelectronics TDA7801PDTR Datasheet HTML 28Page - STMicroelectronics TDA7801PDTR Datasheet HTML 29Page - STMicroelectronics TDA7801PDTR Datasheet HTML 30Page - STMicroelectronics TDA7801PDTR Datasheet HTML 31Page - STMicroelectronics TDA7801PDTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Functional description
TDA7801
28/48
DocID022674 Rev 4
6.9
Legacy mode
In case of applications without the I2C bus the TDA7801 could be turned on in legacy mode.
In order to put the device in legacy mode it is enough to tie the IC clock pin (PIN 27) at Vcc.
In this mode the device is turned on, as usual, with the ENABLE pin (PIN 2). The I2C Data
pin (PIN26) acts as analog mute. The device is set with all the instruction registers equal to zero.
In legacy mode the I2S interface does not support the TDM format.
6.10
Thermal protection
The TDA7801 has four thermal warnings (Tw1, Tw2, Tw3, Tw4) at different temperatures
which are stored on the I2C bus. Only one of the four thermal warnings could be sent to the
DIAG pin. The selection is done by an I2C bus.
A mute function dependent on temperature is present in order to protect the junction by
over-temperature with limited effects on the sound quality. For junction temperature over the
thermal warning threshold Tpl, the device is gradually carried in mute. The mute level
depends on the temperature: when the junction temperature reaches the Tpl threshold (refer
to Figure 32), the output signal is attenuated of 0.5 dB, while when the junction temperature
reaches Tph the output attenuation is 60 dB. This attenuation is performed without output
signal distortion.
Figure 32. Thermal muting diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com