Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 28Page - STMicroelectronics TDA7801PDTR Datasheet HTML 29Page - STMicroelectronics TDA7801PDTR Datasheet HTML 30Page - STMicroelectronics TDA7801PDTR Datasheet HTML 31Page - STMicroelectronics TDA7801PDTR Datasheet HTML 32Page - STMicroelectronics TDA7801PDTR Datasheet HTML 33Page - STMicroelectronics TDA7801PDTR Datasheet HTML 34Page - STMicroelectronics TDA7801PDTR Datasheet HTML 35Page - STMicroelectronics TDA7801PDTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
I2S bus interface
TDA7801
32/48
DocID022674 Rev 4
7.1
Interface timings requirements
The data interface timings are described below. In the TDA7801 the TDM format as shown
in Figure 34, is an I2S extended: if the four channels option is set then the serial clock is
multiplied by two while it will be multiplied by four when the eight channels option is set. This
means that it is important to keep a duty-cycle of 50% for the Word Select signal and
moreover, all the timings for serial clock and data don't change in every I2S configuration.
Table 9 shows the values of system clock frequencies (serial clock SCK) for common audio
sampling frequencies.
Figure 12 shows the detail of the audio input format as specified by the standard I2S
specification. When more channels are sent the input format does not change and they
follow the sequence as shown in Figure 34.
Figure 36. Audio data input format
Figure 37. Audio interface timing
Table 9. System clock frequencies for common audio sampling frequencies
Frequency
sampling (fs)
System clock frequency (fSCK), (MHz)
I2S standard
(fs*64)
TDM 4ch (fs*128)
TDM 8ch md1
(fs*256)
TDM 8ch md2
(fs*256)
44.1 (kHz)
2.82
5.64
11.29
11.29
48.0 (kHz)
3.07
6.14
12.29
12.29
96.0 (kHz)
6.14
12.29
24.58
24.58
192.0 (kHz)
12.29
24.58
N.A.
N.A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com