Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 31Page - STMicroelectronics TDA7801PDTR Datasheet HTML 32Page - STMicroelectronics TDA7801PDTR Datasheet HTML 33Page - STMicroelectronics TDA7801PDTR Datasheet HTML 34Page - STMicroelectronics TDA7801PDTR Datasheet HTML 35Page - STMicroelectronics TDA7801PDTR Datasheet HTML 36Page - STMicroelectronics TDA7801PDTR Datasheet HTML 37Page - STMicroelectronics TDA7801PDTR Datasheet HTML 38Page - STMicroelectronics TDA7801PDTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DocID022674 Rev 4
35/48
TDA7801
I2C bus interface
8.1
Writing procedure
There are two possible procedures:
1.
without increment: the I bit is set to 0 and the register is addressed by the subaddress.
Only this register is written by the data following the subaddress byte.
2.
with increment: the I bit is set to 1 and the first register written is the one addressed by
subaddress. Then all the registers starting from the one indicated by this address up to
stop bit (or up to last register) are written.
8.2
Reading procedure
There are two possible procedures:
1.
without increment: the I bit is set to 0 and the register is addressed by the subaddress
sent in the previous write procedure. Only this register is read by the data following the
address.
2.
with increment: the I bit is set to 1 and the first register read is the one addressed by
subaddress sent in the previous write procedure. Then all registers starting from the
one indicated by this address up to stop bit (or up to last register) are read.
Note:
the reading procedure reset the register that has been read.
8.3
Data validity
The data on the SDA line must be stable during the high period of the clock. The high and
low state of the data line can only change when the clock signal on the SCL line is low.
8.4
Start and stop conditions
A start condition is a high to low transition of the SDA line while SCL is high.
The stop condition is a low to high transition of the SDA line while SCL is high.
8.5
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
8.6
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse. The receiver** has to pull-down the SDA line during the acknowledge clock pulse, so
that the SDA line is stable low using this clock pulse.
* Transmitter
= master (µP) when it writes an address to the TDA7801
= slave (TDA7801) when the µP reads a data byte from TDA7801
** Receiver
= slave (TDA7801) when the µP writes an address to the TDA7801
= master (µP) when it reads a data byte from TDA7801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com