Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 21Page - STMicroelectronics TDA7801PDTR Datasheet HTML 22Page - STMicroelectronics TDA7801PDTR Datasheet HTML 23Page - STMicroelectronics TDA7801PDTR Datasheet HTML 24Page - STMicroelectronics TDA7801PDTR Datasheet HTML 25Page - STMicroelectronics TDA7801PDTR Datasheet HTML 26Page - STMicroelectronics TDA7801PDTR Datasheet HTML 27Page - STMicroelectronics TDA7801PDTR Datasheet HTML 28Page - STMicroelectronics TDA7801PDTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DocID022674 Rev 4
25/48
TDA7801
Functional description
Figure 29. Short to GND and short to Vs, threshold description
Concerning short across the speaker / open speaker, the threshold varies from speaker
mode to booster mode diagnostic setting, since different loads are expected (either normal
speaker's impedance or high impedance). The speaker or booster mode is selected with bit
D6-IB0 (channel 1 and 3) and bit D5-IB0 (channel 2 and 4). The values in case of speaker
mode gain are as in Figure 30.
Figure 30. Short across the speaker and open load threshold description, in amplifier
mode.
If the booster mode is selected, the same thresholds will change as in Figure 31.
Figure 31. Short across the speaker and open load threshold description, in line
driver mode.
When the amplifier is biased and the diagnostic is still enabled the permanent diagnostic
takes place. The previous turn-on state is kept until a short appears at the outputs because
only in this case a new diagnostic cycle can start.
6.3
Permanent diagnostic
Detectable conventional faults are:
Short to GND
Short to Vs
Short across the speaker
The following additional features are provided:
Output offset detection
AC diagnostic
The TDA7801 diagnostic has 2 different cycles:
1.
Restart cycle. It is a 1 ms pulse. During this period a check of the outputs is made.
2.
Plateau cycle. It is a 100 ms pulse. During this period a check of the outputs is
performed and the result of diagnostic analysis is communicated by means of I2C bus.
The TDA7801 has 2 different operating behaviors when a fault occurs:
1.
Restart mode, (D6-IB0='0'). The diagnostic is not enabled. Each audio channel
operates independently of each other. If any of the a.m. faults occurs, only the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com