Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801PDTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 29Page - STMicroelectronics TDA7801PDTR Datasheet HTML 30Page - STMicroelectronics TDA7801PDTR Datasheet HTML 31Page - STMicroelectronics TDA7801PDTR Datasheet HTML 32Page - STMicroelectronics TDA7801PDTR Datasheet HTML 33Page - STMicroelectronics TDA7801PDTR Datasheet HTML 34Page - STMicroelectronics TDA7801PDTR Datasheet HTML 35Page - STMicroelectronics TDA7801PDTR Datasheet HTML 36Page - STMicroelectronics TDA7801PDTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
DocID022674 Rev 4
33/48
TDA7801
I2S bus interface
7.2
Group delay
The group delay of the amplifier is basically due the FIR filter of the interpolator and it is
given by:
, (fs < 48 kHz)
Table 10. Example timing for tck = 1/fSCK, where fSCK is stated in the Table 9
Parameter
MIN
TYP
MAX
Note
Clock period TSKY
0.9*Tck
Tck
1.1*Tck
Clock HIGH TSKH
0.4*Tck
Measured from
VHI to VHI
Clock LOW TSKL
0.4*Tck
Measured from
VLO to VLO
Setup time SD to fSCK rising edge TDS
0.2*Tck
Hold time SD from fSCK rising edge THD
0.2*Tck
0.8*Tck (1)
1. Measured from VLO to VHI.
fSCK duty-cycle
40%
60%
VHI
1.3
VLO
0.8
tDELAY
32
fs
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com