Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA190 Datasheet HTML 12Page - Texas Instruments INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments INA190 Datasheet HTML 18Page - Texas Instruments INA190 Datasheet HTML 19Page - Texas Instruments INA190 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
+
±
Bus Voltage
up to 40 V
RSENS E
Loa d
Capacitive ly
Couple d
Amplifier
ENABL E
INA190
REF
GND
ISENS E
CBYPASS
0.1 µF
16
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
The INA190 is in normal operation when the following conditions are met:
•
The power-supply voltage (VS) is between 1.7 V and 5.5 V.
•
The common-mode voltage (VCM) is within the specified range of –0.2 V to +40 V.
•
The maximum differential input signal times the gain plus VREF is less than the positive swing voltage VSP.
•
The ENABLE pin is driven or connected to VS.
•
The minimum differential input signal times the gain plus VREF is greater than the zero load swing to GND, VZL
(see the Rail-to-Rail Output Swing section).
During normal operation, this device produces an output voltage that is the amplified representation of the
difference voltage from IN+ to IN– plus the voltage applied to the REF pin.
7.4.2 Unidirectional Mode
This device can be configured to monitor current flowing in one direction (unidirectional) or in both directions
(bidirectional) depending on how the REF pin is connected. The most common case is unidirectional where the
output is set to ground when no current is flowing by connecting the REF pin to ground, as shown in Figure 35.
When the current flows from the bus supply to the load, the input voltage from IN+ to IN– increases and causes
the output voltage at the OUT pin to increase.
Figure 35. Typical Unidirectional Application
The linear range of the output stage is limited by how close the output voltage can approach ground under zero
input conditions. The zero current output voltage of the INA190 is very small and for most unidirectional
applications the REF pin is simply grounded. However, if the measured current multiplied by the current sense
resistor and device gain is less than the zero current output voltage then bias the REF pin to a convenient value
above the zero current output voltage to get the output into the linear range of the device. To limit common-mode
rejection errors, buffer the reference voltage connected to the REF pin.
A less-frequently used output biasing method is to connect the REF pin to the power-supply voltage, VS. This
method results in the output voltage saturating at 40 mV less than the supply voltage when no differential input
voltage is present. This method is similar to the output saturated low condition with no differential input voltage
when the REF pin is connected to ground. The output voltage in this configuration only responds to currents that
develop negative differential input voltage relative to the device IN– pin. Under these conditions, when the
negative differential input signal increases, the output voltage moves downward from the saturated supply
voltage. The voltage applied to the REF pin must not exceed VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com