Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments INA190 Datasheet HTML 18Page - Texas Instruments INA190 Datasheet HTML 19Page - Texas Instruments INA190 Datasheet HTML 20Page - Texas Instruments INA190 Datasheet HTML 21Page - Texas Instruments INA190 Datasheet HTML 22Page - Texas Instruments INA190 Datasheet HTML 23Page - Texas Instruments INA190 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ADC
ENABLE
(1)
VS
OUT
REF
GND
IN+
IN±
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
Bus Voltage
±0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 …F
RSENSE
INA190
20
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA190 amplifies the voltage developed across a current-sensing resistor as current flows through the
resistor to the load or ground. The high common-mode rejection of the INA190 make it usable over a wide range
of voltage rails while still maintaining an accurate current measurement.
8.1.1 Basic Connections
Figure 39 shows the basic connections of the INA190. Place the device as close as possible to the current sense
resistor and connect the input pins (IN+ and IN–) to the current sense resistor through kelvin connections.If
present, the ENABLE pin must be controlled externally or connected to VS if not used.
(1)
The ENABLE pin is available only in the DDF and RSW packages.
NOTE: To help eliminate ground offset errors between the device and the analog-to-digital converter (ADC), connect
the REF pin to the ADC reference input. When driving SAR ADCs, filter or buffer the output of the INA190 before
connecting directly to the ADC.
Figure 39. Basic Connections for the INA190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com