Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 5 Page - Texas Instruments

  INA190 Datasheet HTML 1Page - Texas Instruments INA190 Datasheet HTML 2Page - Texas Instruments INA190 Datasheet HTML 3Page - Texas Instruments INA190 Datasheet HTML 4Page - Texas Instruments INA190 Datasheet HTML 5Page - Texas Instruments INA190 Datasheet HTML 6Page - Texas Instruments INA190 Datasheet HTML 7Page - Texas Instruments INA190 Datasheet HTML 8Page - Texas Instruments INA190 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
RTI = referred-to-input.
6.5 Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN–, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2, and VENABLE = VS (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode
rejection ratio
VSENSE = 0 mV, VIN+ = –0.1 V to 40 V, TA = –40°C to +125°C
132
150
dB
VOS
Offset voltage, RTI(1)
VS = 1.8 V, VSENSE = 0 mV
–3
±15
µV
dVOS/dT
Offset drift, RTI
VSENSE = 0 mV, TA = –40°C to +125°C
10
80
nV/°C
PSRR
Power-supply
rejection ratio, RTI
VSENSE = 0 mV, VS = 1.7 V to 5.5 V
–1
±5
µV/V
IIB
Input bias current
VSENSE = 0 mV
0.5
3
nA
IIO
Input offset current
VSENSE = 0 mV
±0.07
nA
OUTPUT
G
Gain
A1 devices
25
V/V
A2 devices
50
A3 devices
100
A4 devices
200
A5 devices
500
EG
Gain error
VOUT = 0.1 V to VS – 0.1 V
A1 devices
–0.04%
±0.2%
A2, A3, A4
devices
–0.06%
±0.3%
A5 devices
–0.08%
±0.4%
Gain error drift
TA = –40°C to +125°C
2
7
ppm/°C
Nonlinearity error
VOUT = 0.1 V to VS – 0.1 V
±0.01%
RVRR
Reference voltage
rejection ratio
VREF = 100 mV to VS – 100 mV,
TA = –40°C to +125°C
A1 devices
±2
±10
µV/V
A2 devices
±1
±6
A3 devices
±0.5
±4
A4, A5
devices
±0.25
±3
Maximum capacitive
load
No sustained oscillation
1
nF
VOLTAGE OUTPUT
VSP
Swing to VS power-
supply rail
VS = 1.8 V, RL = 10 kΩ to GND, TA = –40°C to +125°C
(VS) – 20
(VS) – 40
mV
VSN
Swing to GND
VS = 1.8 V, RL = 10 kΩ to GND, TA = –40°C to +125°C,
VSENSE = –10 mV, VREF = 0 V
(VGND) + 0.05
(VGND) + 1
mV
VZL
Zero current output
voltage
VS = 1.8 V, RL = 10 kΩ to GND,
TA = –40°C to +125°C, VSENSE = 0 mV,
VREF = 0 V
A1, A2, A3
devices
(VGND) + 1
(VGND) + 3
mV
A4 devices
(VGND) + 2
(VGND) + 4
mV
A5 devices
(VGND) + 3
(VGND) + 9
mV
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices, CLOAD = 10 pF
45
kHz
A2 devices, CLOAD = 10 pF
37
A3 devices, CLOAD = 10 pF
35
A4 devices, CLOAD = 10 pF
33
A5 devices, CLOAD = 10 pF
27
SR
Slew rate
VS = 5.0 V, VOUT = 0.5 V to 4.5 V
0.3
V/µs
tS
Settling time
From current step to within 1% of final value
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com