Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments INA190 Datasheet HTML 18Page - Texas Instruments INA190 Datasheet HTML 19Page - Texas Instruments INA190 Datasheet HTML 20Page - Texas Instruments INA190 Datasheet HTML 21Page - Texas Instruments INA190 Datasheet HTML 22Page - Texas Instruments INA190 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
ADC
RSENS E
LOA D
Microco ntr oller
Bus Voltage1
upto to +40 V
ENABL E
VS
OUT
REF
GND
IN+
IN±
RSENS E
LOA D
0.1 F
Sup ply Vo ltag e
1.7 V to 5.5 V
Bus Voltage2
upto to +40 V
GPIO1
GPIO2
ENABL E
VS
OUT
REF
GND
IN+
IN±
0.1 F
Sup ply Vo ltag e
1.7 V to 5.5 V
INA190
INA190
19
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.5 Shutdown
The INA190 features an active-high ENABLE pin that shuts down the device when pulled to ground. When the
device is shut down, the quiescent current is reduced to 10 nA (typ), and the output goes to a high-impedance
state. In a battery-powered application, the low quiescent current extends the battery lifetime when the current
measurement is not needed. When the ENABLE pin is driven to the supply voltage, the device turns back on.
The typical output settling time when enabled is 130 µs.
The output of the INA190 goes to a high-impedance state when disabled. Therefore, you can connect multiple
outputs of the INA190 together to a single ADC or measurement device, as shown in Figure 38.
When connected in this way, enable only one INA190 at a time, and make sure all devices have the same supply
voltage.
Figure 38. Multiplexing Multiple Devices With the ENABLE Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com