Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA190 Datasheet HTML 2Page - Texas Instruments INA190 Datasheet HTML 3Page - Texas Instruments INA190 Datasheet HTML 4Page - Texas Instruments INA190 Datasheet HTML 5Page - Texas Instruments INA190 Datasheet HTML 6Page - Texas Instruments INA190 Datasheet HTML 7Page - Texas Instruments INA190 Datasheet HTML 8Page - Texas Instruments INA190 Datasheet HTML 9Page - Texas Instruments INA190 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VSENSE = VIN+ – VIN–, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2, and VENABLE = VS (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
NOISE, RTI(1)
Voltage noise density
75
nV/
√Hz
ENABLE
IEN
Leakage input current
0 V
≤ VENABLE ≤ VS
1
100
nA
VIH
High-level input
voltage
0.7 × VS
6
V
VIL
Low-level input
voltage
0
0.3 × VS
V
VHYS
Hysteresis
300
mV
IODIS
Output leakage
disabled
VS = 5.0 V, VOUT = 0 V to 5.0 V, VENABLE = 0 V
1
5
µA
POWER SUPPLY
IQ
Quiescent current
VS = 1.8 V, VSENSE = 0 mV
48
65
µA
VS = 1.8 V, VSENSE = 0 mV, TA = –40°C to +125°C
90
µA
IQDIS
Quiescent current
disabled
VENABLE = 0 V, VSENSE = 0 mV
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com