Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA190 Datasheet HTML 24Page - Texas Instruments INA190 Datasheet HTML 25Page - Texas Instruments INA190 Datasheet HTML 26Page - Texas Instruments INA190 Datasheet HTML 27Page - Texas Instruments INA190 Datasheet HTML 28Page - Texas Instruments INA190 Datasheet HTML 29Page - Texas Instruments INA190 Datasheet HTML 30Page - Texas Instruments INA190 Datasheet HTML 31Page - Texas Instruments INA190 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
VS
OUT
IN-
IN+
1
2
7
8
Supply Voltage
(1.7 V to 5.5 V)
CBYPASS
TI Device
RSHUNT
RF
CF
Note: RF and CF are optional in low
noise/ripple environments
RF
Current Sense
Output
VIA to Ground Plane
Connect REF to GND for
Unidirectional Measurement
or to External Reference for
Bidirectional Measurement
6
3
5
GND
4
N.C.
IN+
REF
ENABLE
Connect to VS
if not used
28
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Layout Examples (continued)
Figure 47. Recommended Layout for SOT23-8 (DDF) Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com