Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA190 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments INA190 Datasheet HTML 18Page - Texas Instruments INA190 Datasheet HTML 19Page - Texas Instruments INA190 Datasheet HTML 20Page - Texas Instruments INA190 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
+ 1.8 V
IN-
IN+
VS
OUT
+
±
-3.3 V
RSENS E
Capacitive ly
Couple d
Amplifier
ENABL E
INA190
REF
GND
- 3.3 V
ADC
CBYPASS
0.1 µF
Loa d
17
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Another use for the REF pin in unidirectional operation is to level shift the output voltage. Figure 36 shows an
application where the device ground is set to a negative voltage so currents biased to negative supplies, as seen
in optical networking cards, can be measured. The GND of the INA190 can be set to negative voltages, as long
as the inputs do not violate the common-mode range specification and the voltage difference between VS and
GND does not exceed 5.5 V. In this example, the output of the INA190 is fed into a positive-biased ADC. By
grounding the REF pin, the voltages at the output will be positive and not damage the ADC. To make sure the
output voltage never goes negative, the supply sequencing must be the positive supply first, followed by the
negative supply.
Figure 36. Using the REF Pin to Level-Shift Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com