Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Figure 8-5 shows a clock signal at 400 kHz and the corresponding SW node waveform (VIN = 48 V, VOUT = 5 V,
free-running frequency = 280 kHz). The SW voltage waveform is synchronized with respect to the rising edge of
SYNCIN. The rising edge of the SW voltage is phase delayed relative to SYNCIN by approximately 100 ns.
8.3.7 Configurable Soft Start (SS/TRK)
After the EN/UVLO pin exceeds its rising threshold of 1.2 V, the LM5146 begins charging the output to the
DC level dictated by the feedback resistor network. The LM5146 features an adjustable soft start (set by a
capacitor from the SS/TRK pin to GND) that determines the charging time of the output. A 10-µA current source
charges this soft-start capacitor. Soft start limits inrush current as a result of high output capacitance to avoid
an overcurrent condition. Stress on the input supply rail is also reduced. The soft-start time, tSS, for the output
voltage to ramp to its nominal level is set by Equation 4.
SS
REF
SS
SS
C
V
t
I
˜
(4)
where
• CSS is the soft-start capacitance
• VREF is the 0.8-V reference
• ISS is the 10-µA current sourced from the SS/TRK pin
More simply, calculate CSS using Equation 5.
SS
SS
C
nF
12.5 t
ms
˜
ª
º
ª
º
¬
¼
¬
¼
(5)
The SS/TRK pin is internally clamped to VFB + 115 mV to allow a soft start recovery from an overload event.
The clamp circuit requires a soft-start capacitance greater than 2 nF for stability and has a current limit of
approximately 2 mA.
8.3.7.1 Tracking
The SS/TRK pin also doubles as a tracking pin when master-slave power-supply tracking is required. This
tracking is achieved by simply dividing down the output voltage of the master with a simple resistor network.
Coincident, ratiometric, and offset tracking modes are possible.
If an external voltage source is connected to the SS/TRK pin, the external soft-start capability of the LM5146
is effectively disabled. The regulated output voltage level is reached when the SS/TRK pin reaches the 0.8-V
reference voltage level. It is the responsibility of the system designer to determine if an external soft-start
capacitor is required to keep the device from entering current limit during a start-up event. Likewise, the system
designer must also be aware of how fast the input supply ramps if the tracking feature is enabled.
PGOOD
2V/DIV
VOUT 1V/DIV
SS/TRK
160mV/DIV
94% VOUT
92% VOUT
10 ms/DIV
Figure 8-6. Typical Output Voltage Tracking and PGOOD Waveforms
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com