Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
• DMAX is the maximum duty cycle
• IPEAK is the peak inductor current
For filter design purposes, the current at the input can be modeled as a square-wave. Determine the EMI filter
capacitance CF from Equation 19.
2
Attn
40
F
IN
SW
1
10
C
L
2
F
S
§
·
¨
¸
¨
¸
˜
¨
¸
¨
¸
©
¹
(19)
Adding an input filter to a switching regulator modifies the control-to-output transfer function. The output
impedance of the filter must be sufficiently small such that the input filter does not significantly affect the loop
gain of the buck converter. The impedance peaks at the filter resonant frequency. The resonant frequency of the
filter is given by Equation 20.
res
IN
F
1
f
2
L
C
S ˜
˜
(20)
The purpose of RD is to reduce the peak output impedance of the filter at the resonant frequency. Capacitor CD
blocks the DC component of the input voltage to avoid excessive power dissipation in RD. Capacitor CD must
have lower impedance than RD at the resonant frequency with a capacitance value greater than that of the input
capacitor CIN. This prevents CIN from interfering with the cutoff frequency of the main filter. Added damping is
needed when the output impedance of the filter is high at the resonant frequency (Q of filter formed by LIN and
CIN is too high). An electrolytic capacitor CD can be used for damping with a value given by Equation 21.
D
IN
C
4 C
t
˜
(21)
Select the damping resistor RD using Equation 22.
IN
D
IN
L
R
C
(22)
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com