Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
7.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 150°C junction temperature
range unless otherwise stated. VVIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Operating input voltage range
IVCC ≤ 10 mA at VVIN = 5.5 V
5.5
100
V
IQ-RUN
Operating input current, not switching
VEN/UVLO = 1.5 V, VSS/TRK = 0 V
1.8
2.1
mA
IQ-STBY
Standby input current
VEN/UVLO = 1 V
1.75
2
mA
IQ-SHDN
Shutdown input current
VEN/UVLO = 0 V, VVCC < 1 V
13.5
30
µA
VCC REGULATOR
VVCC
VCC regulation voltage
VSS/TRK = 0 V, 9 V ≤ VVIN ≤ 100 V, 0
mA ≤ IVCC ≤ 20 mA
7.3
7.5
7.7
V
VVCC-LDO
VIN to VCC dropout voltage
VVIN = 6 V, VSS/TRK = 0 V, IVCC = 20 mA
0.25
0.72
V
ISC-LDO
VCC short-circuit current
VSS/TRK = 0 V, VVCC = 0 V
40
50
70
mA
VVCC-UV
VCC undervoltage threshold
VVCC rising
4.8
4.93
5.2
V
VVCC-UVH
VCC undervoltage hysteresis
Rising threshold – falling threshold
0.26
V
VVCC-EXT
Minimum external bias voltage
Voltage required to disable VCC
regulator
8
V
IVCC
External VCC input current, not
switching
VSS/TRK = 0 V, VVCC = 13 V
2.3
mA
ENABLE AND INPUT UVLO
VSHDN
Shutdown to standby threshold
VEN/UVLO rising
0.42
V
VSHDN-HYS
Shutdown threshold hysteresis
EN/UVLO Rising threshold – falling
threshold
50
mV
VEN
Standby to operating threshold
VEN/UVLO rising
1.164
1.2
1.236
V
IEN-HYS
Standby to operating hysteresis current VEN/UVLO = 1.5 V
9
10
11
µA
ERROR AMPLIFIER
VREF
FB reference Voltage
FB connected to COMP
792
800
808
mV
IFB-BIAS1
FB input bias current
VFB = 0.8 V, –40°C ≤ TJ ≤ 125°C
–0.1
0.1
µA
IFB-BIAS2
FB input bias current
VFB = 0.8 V, –40℃ ≤ TJ ≤ 150℃
–0.2
0.2
µA
VCOMP-OH
COMP output high voltage
VFB = 0 V, COMP sourcing 1 mA
5
V
VCOMP-OL
COMP output low voltage
COMP sinking 1 mA
0.3
V
AVOL
DC gain
94
dB
GBW
Unity gain bandwidth
6.5
MHz
SOFT-START and VOLTAGE TRACKING
ISS
SS/TRK capacitor charging current
VSS/TRK = 0 V
8.5
10
12
µA
RSS
SS/TRK discharge FET resistance
VEN/UVLO = 1 V, VSS/TRK = 0.1 V
11
Ω
VSS-FB
SS/TRK to FB offset
–15
0
15
mV
VSS-CLAMP
SS/TRK clamp voltage
VSS/TRK – VFB, VFB = 0.8 V
115
mV
POWER GOOD INDICATOR
PGUTH
FB upper threshold for PGOOD high to
low
% of VREF, VFB rising
106%
108%
110%
PGLTH
FB lower threshold for PGOOD high to
low
% of VREF, VFB falling
90%
92%
94%
PGHYS_U
PGOOD upper theshold hysteresis
% of VREF
3%
PGHYS_L
PGOOD lower threshold hysteresis
% of VREF
2%
TPG-RISE
PGOOD rising filter
FB to PGOOD rising edge
25%
µs
TPG-FALL
PGOOD falling filter
FB to PGOOD falling edge
25%
µs
VPG-OL
PGOOD low state output voltage
VFB = 0.9 V, IPGOOD = 2 mA
150
mV
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com