Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 1 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile synchronous buck DC/DC controller
– Wide input voltage range of 5.5 V to 100 V
– 150°C maximum junction temperature
– 0.8-V reference with ±1% feedback accuracy
– Adjustable output voltage from 0.8 V to 60 V
– 40-ns tON(min) for high VIN / VOUT ratio
– 140-ns tOFF(min) for low dropout
– Lossless RDS(on) or shunt current sensing
– Optimized for CISPR 11 and CISPR 32 Class B
EMI requirements
• Switching frequency from 100 kHz to 1 MHz
– SYNC in and SYNC out capability
– Selectable diode emulation or FPWM
• 7.5-V gate drivers for standard VTH MOSFETs
– 14-ns adaptive dead-time control
– 2.3-A source and 3.5-A sink capability
• Fast line and load transient response
– Voltage-mode control with line feedforward
– High gain-bandwidth error amplifier
• Inherent protection features for robust design
– Adjustable output voltage soft start
– Hiccup-mode overcurrent protection
– Input UVLO with hysteresis
– VCC and gate-drive UVLO protection
– Precision enable input and open-drain PGOOD
indicator for sequencing and control
– Thermal shutdown protection with hysteresis
• 20-pin VQFN package with wettable flanks
• Create a custom design using the LM5146 with
WEBENCH® Power Designer
2 Applications
• Wireless infrastructure, cloud computing
• Industrial motor drives, test and measurement
• Personal transport vehicle: electric bike
• Asset tracking and fleet management systems
• Non-isolated PoE, IP cameras
• Inverting buck-boost regulators
3 Description
The LM5146 100-V synchronous buck controller
regulates from a high input voltage source or from an
input rail subject to high-voltage transients, minimizing
the need for external surge suppression components.
A high-side switch minimum on-time of 40 ns gives
large step-down ratios, enabling the direct step-down
conversion from a 48-V nominal input to low-voltage
rails for reduced system complexity and solution cost.
The LM5146 continues to operate during input voltage
dips as low as 5.5 V, at nearly 100% duty cycle
if needed, making it an excellent choice for high-
performance industrial controls, robotics, datacom,
and RF applications.
Forced-PWM (FPWM) operation eliminates switching
frequency
variation
to
minimize
EMI,
while
user-selectable
diode
emulation lowers
current
consumption at light-load conditions. The adjustable
switching frequency as high as 1 MHz can be
synchronized to an external clock source to eliminate
beat frequencies in noise-sensitive applications.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
LM5146
VQFN (20)
4.50 mm × 3.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
BST
HO
SW
VCC
PGND
RT
SS/TRK
COMP
FB
AGND
V
IN
V
OUT
LM5146
VOUT
SYNC In
GND
PG
SYNCOUT
SYNCIN
EN/UVLO
VIN
ILIM
PGOOD
SYNC Out
LO
LF
COUT
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RRT
EN
VIN
Typical Application Circuit and Efficiency Performance, VOUT = 12 V, FSW = 400 kHz
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5145 TI-LM5145 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results

Similar Description - LM5145

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Texas Instruments
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com