Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
transition times and reduced switching loss. Normally, the lower the RDS(on) of a MOSFET, the higher the gate
charge and output charge (QG and QOSS respectively), and vice versa. As a result, the product RDS(on) × QG
is commonly specified as a MOSFET figure-of-merit. Low thermal resistance ensures that the MOSFET power
dissipation does not result in excessive MOSFET die temperature.
The main parameters affecting power MOSFET selection in a LM5146 application are as follows:
• RDS(on) at VGS = 7.5 V
• Drain-source voltage rating, BVDSS, typically 60 V, 80 V, or 100 V, depending on maximum input voltage
• Gate charge parameters at VGS = 7.5 V
• Output charge, QOSS, at the relevant input voltage
• Body diode reverse recovery charge, QRR
• Gate threshold voltage, VGS(th), derived from the Miller plateau evident in the QG versus VGS plot in the
MOSFET data sheet. With a Miller plateau voltage typically in the range of 2 V to 5 V, the 7.5-V gate drive
amplitude of the LM5146 provides an adequately-enhanced MOSFET when on and a margin against Cdv/dt
shoot-through when off.
The MOSFET-related power losses are summarized by the equations presented in Table 9-1, where suffixes 1
and 2 represent high-side and low-side MOSFET parameters, respectively. While the influence of inductor ripple
current is considered, second-order loss modes, such as those related to parasitic inductances and SW node
ringing, are not included. Consult the LM5146 Quickstart Calculator to assist with power loss calculations.
Table 9-1. Buck Regulator MOSFET Power Losses
POWER LOSS MODE
HIGH-SIDE MOSFET
LOW-SIDE MOSFET
MOSFET conduction(2)
(3)
2
2
L
cond1
OUT
DS(on)1
I
P
D
I
R
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
2
2
L
cond2
OUT
DS(on)2
I
P
D
I
R
12
§
·
'
c ¨
¸
˜
˜
¨
¸
©
¹
MOSFET switching
ª
º
˜
'
'
§
·
§
·
˜
˜
«
»
¨
¸
¨
¸
©
¹
©
¹
¬
¼
IN
SW
L
L
sw1
OUT
R
OUT
F
V
F
I
I
P
I
t
I
t
2
2
2
Negligible
MOSFET gate drive(1)
Gate1
CC
SW
G1
P
V
F
Q
˜
˜
Gate2
CC
SW
G2
P
V
F
Q
˜
˜
MOSFET output
charge(4)
Coss
SW
IN
oss2
oss1
oss2
P
F
V
Q
E
E
˜
˜
Body diode conduction
N/A
BD
L
L
cond
F
SW
OUT
dt1
OUT
dt2
I
I
P
V
F
I
t
I
t
2
2
ª
º
'
'
§
·
§
·
˜
˜
˜
«
»
¨
¸
¨
¸
©
¹
©
¹
¬
¼
Body diode reverse
recovery(5)
RR
IN
SW
RR2
P
V
F
Q
˜
˜
(1)
Gate drive loss is apportioned based on the internal gate resistance of the MOSFET, externally-added series gate resistance and the
relevant gate driver resistance of the LM5146.
(2)
MOSFET RDS(on) has a positive temperature coefficient of approximately 4500 ppm/°C. The MOSFET junction temperature, TJ, and its
rise over ambient temperature is dependent upon the device total power dissipation and its thermal impedance. When operating at or
near minimum input voltage, ensure that the MOSFET RDS(on) is rated at VGS = 4.5 V.
(3)
D' = 1–D is the duty cycle complement.
(4)
MOSFET output capacitances, Coss1 and Coss2, are highly non-linear with voltage. These capacitances are charged losslessly by the
inductor current at high-side MOSFET turn-off. During turn-on, however, a current flows from the input to charge Coss2 of the low-side
MOSFET. Eoss1, the energy of Coss1, is dissipated at turnon, but this is offset by the stored energy Eoss2 on Coss2.
(5)
MOSFET body diode reverse recovery charge, QRR, depends on many parameters, particularly forward current, current transition
speed, and temperature.
The high-side (control) MOSFET carries the inductor current during the PWM on-time (or D interval) and typically
incurs most of the switching losses. It is therefore imperative to choose a high-side MOSFET that balances
conduction and switching loss contributions. The total power dissipation in the high-side MOSFET is the sum of
the losses due to conduction, switching (voltage-current overlap), output charge, and typically two-thirds of the
net loss attributed to body diode reverse recovery.
The low-side (synchronous) MOSFET carries the inductor current when the high-side MOSFET is off (or 1–D
interval). The low-side MOSFET switching loss is negligible as it is switched at zero voltage – current just
commutates from the channel to the body diode or vice versa during the transition deadtimes. The LM5146, with
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com