Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
If the pole located at ωp1 cancels the zero located at ωESR and the pole at ωp2 is located well above crossover,
the expression for the loop gain, Tv(s) in Table 9-3, can be manipulated to yield the simplified expression given in
Equation 14.
2
IN
v
C1
C3
RAMP
V
T (s)
R
C
V
s
Z
˜
˜
˜
o
(14)
Essentially, a multi-order system is reduced to a single-order approximation by judicious choice of compensator
components. A simple solution for the crossover frequency (denoted as fc in Figure 9-2) with Type-III voltage-
mode compensation is derived as shown in Equation 15 and Equation 16.
IN
c
o
mid
RAMP
V
2
f
K
V
Z
S
Z
˜
˜
˜
c
(15)
c
C1
mid
o
FF
FB1
f
R
1
K
f
k
R
˜
(16)
-40
-20
0
20
40
1
10
100
1000
Frequency (kHz)
Gain
(dB)
fc
Loop Gain
Filter Gain
Modulator
Gain
Compensator
Gain
Figure 9-3. Buck Regulator Constituent Gain Components
The loop crossover frequency is usually selected between one-tenth to one-fifth of switching frequency. Inserting
an appropriate crossover frequency into Equation 16 gives a target for the mid-band gain of the compensator,
Kmid. Given an initial value for RFB1, RFB2 is then selected based on the desired output voltage. Values for RC1,
RC2, CC1, CC2, and CC3 are calculated from the design expressions listed in Table 9-4, with the premise that the
compensator poles and zeros are set as follows: ωz1 = 0.5·ωo, ωz2 = ωo, ωp1 = ωSW/2, and ωp2 = ωESR.
Table 9-4. Compensation Component Selection
RESISTORS
CAPACITORS
FB1
FB2
OUT
REF
R
R
V
V
1
Z
˜
C1
z1
C1
1
C
R
C1
mid
FB1
R
K
R
˜
Z
˜
C2
p1
C1
1
C
R
Z
˜
C2
p2
C3
1
R
C
1
C3
z2
FB1
C
R
Z
˜
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com