Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 44 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
VOUT 200 mV/DIV
100 Ps/DIV
IOUT 2A/DIV
VIN = 48 V
Figure 9-23. Load Transient Response, 1 A to 8 A
to 1 A
VOUT 200 mV/DIV
100 Ps/DIV
IOUT 2A/DIV
VIN = 48 V
Figure 9-24. Load Transient Response, 2 A to 8 A
to 2 A
VOUT 200 mV/DIV
100 Ps/DIV
IOUT 2A/DIV
VIN = 48 V
Figure 9-25. Load Transient Response, 4 A to 8 A
to 4 A
VOUT 20 mV/DIV
1 Ps/DIV
VIN = 48 V
IOUT = 8 A
Figure 9-26. Output Voltage Ripple
VOUT 20mV/DIV
20 ms/DIV
VIN 20V/DIV
IOUT = 4 A
Figure 9-27. Repetitive Line Transients, 24 V to 75
V
VOUT 2V/DIV
PGOOD 5V/DIV
1 ms/DIV
EN 1V/DIV
VIN = 48 V
IOUT = 0 A
Figure 9-28. Pre-Biased Start-Up
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com