Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 13Page - STMicroelectronics STPM11 Datasheet HTML 14Page - STMicroelectronics STPM11 Datasheet HTML 15Page - STMicroelectronics STPM11 Datasheet HTML 16Page - STMicroelectronics STPM11 Datasheet HTML 17Page - STMicroelectronics STPM11 Datasheet HTML 18Page - STMicroelectronics STPM11 Datasheet HTML 19Page - STMicroelectronics STPM11 Datasheet HTML 20Page - STMicroelectronics STPM11 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
17/46
A
∑ Δ modulator converts the input signal into a continuous serial stream of 1s and 0s at a
rate determined by the sampling clock. In the STPM1X, the sampling clock is equal to
fCLK/4. The 1-bit DAC in the feedback loop is driven by the serial data stream. The DAC
output is subtracted from the input signal. If the loop gain is high enough, the average value
of the DAC output (and therefore the bit stream) can approach that of the input signal level.
When a large number of samples are averaged, a very precise value of the analog signal is
obtained. This averaging is carried out in the DSP section which implements decimation,
integration and DC offset cancellation of the supplied
∑ Δ signals. The gain of the
decimation filters is 1.004 for the voltage channel and 0.502 for the current channel. The
resulting signal has a resolution of 11bits for voltage channel and 16 bits for current channel.
7.4
Period and line voltage measurement
The period module measures the period of base frequency of voltage channel and checks if
the voltage signal frequency is in the band from fCLK/2
17 to f
CLK/2
15. An internal signal is
produced at every positive peak of the line voltage. If the counted number of pulses between
two trailing edges of this signal is higher than the fCLK/2
17 Hz equivalent pulses or if the
counting is stopped (internal signal is not available), it means that the base frequency is
lower than fCLK/2
17 Hz and an internal error flag BFR (base frequency range) is set.
If the counted number of pulses within one line period is higher than the fCLK/2
15 equivalent
pulses, the base frequency exceeds the limit. In this case, such error must be repeated
three times in a row, in order to set the error flag BFR.
The BFR flag is also set if the value of the RMS voltage drops below a certain value (BFR-
on) and it is cleared when the RMS voltage goes above BFR-off threshold. The table below
shows the equivalent RMS voltage on the VIP/VIN pins according to the value of the voltage
channel calibrator.
The BFR flag is also set if the RMS voltage across VIP-VIN drops below a threshold value
calculated with the following formula:
Figure 15.
First order
∑ Δ A/D converter
DAC
-
+
Integrator
fCLK/4
Input analog signal
Output digital signal
Σ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com