Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 34Page - STMicroelectronics STPM11 Datasheet HTML 35Page - STMicroelectronics STPM11 Datasheet HTML 36Page - STMicroelectronics STPM11 Datasheet HTML 37Page - STMicroelectronics STPM11 Datasheet HTML 38Page - STMicroelectronics STPM11 Datasheet HTML 39Page - STMicroelectronics STPM11 Datasheet HTML 40Page - STMicroelectronics STPM11 Datasheet HTML 41Page - STMicroelectronics STPM11 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
STPM1x calibration
STPM11, STPM12, STPM13, STPM14
38/46
Doc ID 13167 Rev 8
within Kp = Kv*Ki = (0.75*0.75)=56.25% and 100%, and Cv=Ci=128 gives a correction
factor of Kp= (0.875*0.875) = 76.5625%.
Each calibrator value can be changed from a binary form to a decimal correction form, using
the following formula:
Kv=(Cv/128)*0.125 + 0.75 and the same for Ki.
Let us choose as initial value Ai=32
From the target power constant CP of the meter and the actual values of VRMS and IRMS,
which are applied to the meter under calibration, the error of power measurement can be
calculated:
Equation 21
err = 100(fx/f -1) [%], where fx is the real frequency read at LED output.
Now, a final unit less power reduction factor can be calculated:
Equation 22
pF = (pD - err)/100
This final power reduction factor can be considered as a product of voltage and current
reduction factors which are produced from corresponding calibration constants. So, an
obvious solution to obtain the voltage and current reduction factors is to calculate a common
reduction factor as a square root of pF. This result must fall within the indicated range,
otherwise the device cannot be calibrated:
768
≤ R = 1024 pF + 0.125 < 1024
In order to obtain the corresponding calibration constants, the reduction factor must be
transformed:
CV = CC = R - 768
By using separately the integer and the fractional part of the common reduction a better fit of
calibration constants can be produced. Simply, let's set one of the two calibration registers
(e.g. CV) to the lowest integer value of R, while the other (CC) should be set to the nearest
integer value of R. Examples:
R-768=128.124; in this case set CV=128; set CC=128
R-768=127.755; while in this other one set CV=127; set CC=128.
Table 19.
Calibration results
Description
Value
Value of Calibrator
Kp = Kv*Ki = 0.765625
Frequency at LED
f = P*In*Vn/3600000 = 40.8889 Hz
Voltage divider
Sv = (F*DL*Vbg2)/(fM*Vn*In*Gv*Gi*Kp*Ai*Av*Si)= 0,6324mV/V
Voltage divider resistor
R1=R2*(1000/Sv-1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com