Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 25Page - STMicroelectronics STPM11 Datasheet HTML 26Page - STMicroelectronics STPM11 Datasheet HTML 27Page - STMicroelectronics STPM11 Datasheet HTML 28Page - STMicroelectronics STPM11 Datasheet HTML 29Page - STMicroelectronics STPM11 Datasheet HTML 30Page - STMicroelectronics STPM11 Datasheet HTML 31Page - STMicroelectronics STPM11 Datasheet HTML 32Page - STMicroelectronics STPM11 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
29/46
100000
32
CHP
8
8-bit unsigned data for primary current channel calibration.
256 values are possible. When CHP is 0 the calibrator is at -12.5% of the
nominal value. When CHP is 255 the calibrator is at +12.5%. The calibration
step is then 0.098%.
100001
33
100010
34
100011
35
100100
36
100101
37
100110
38
100111
39 (1)
101000
40
CHS
8
STPM13/14 only
8-bit unsigned data for secondary current channel calibration.
256 values are possible. When CHS is 0 the calibrator is at -12.5% of the
nominal value. When CHS is 255 the calibrator is at +12.5%. The calibration
step is then 0.098%.
101001
41
101010
42
101011
43
101100
44
101101
45
101110
46
101111
47 (1)
110000
48
CRC
2
STPM11/13 only
2-bit unsigned data for calibration of RC oscillator. (see Typical characteristics
in)
CRC=0, or CRC=3 cal=0%
CRC=1, cal=+10%;
CRC=2, cal=-10%
110001
49 (1)
110010
50
NOM
2
2-bit modifier of nominal voltage for Single Wire Meter.
NOM=0: KNOM=0.3594 / NOM=1: KNOM=0.3906 / NOM=2: KNOM=0.4219 /
NOM=3: KNOM=0.4531
110011
51 (1)
110100
52
ADDG
1
Selection of additional gain on current channels:
ADDG=0: Gain+=0 / ADDG=1: Gain+=8
110101
53
CRIT
1
STPM13/14 only
Selection of tamper threshold:
CRIT =0: 12,5% / CRIT =1: 6,25%
110110
54
LVS
1
Type of stepper selection:
LVS=0: pulse width 31.25 ms, 5V, / LVS=1: pulse width, 156.25 ms, 3V
1.
IMPORTANT: This Bit represents the MSB of the decimal value indicated in the description column.
Table 15.
Configuration bits map (continued)
Address
Name
N. of
bits
Description (1)
6-BIT
binary
DEC
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com