Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 28Page - STMicroelectronics STPM11 Datasheet HTML 29Page - STMicroelectronics STPM11 Datasheet HTML 30Page - STMicroelectronics STPM11 Datasheet HTML 31Page - STMicroelectronics STPM11 Datasheet HTML 32Page - STMicroelectronics STPM11 Datasheet HTML 33Page - STMicroelectronics STPM11 Datasheet HTML 34Page - STMicroelectronics STPM11 Datasheet HTML 35Page - STMicroelectronics STPM11 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
32/46
Doc ID 13167 Rev 8
t1 → t2 (>30ns): CFGI out of idle state
t2 → t3 (>30ns): CFGI enabled for write operation
t3: data value is placed in SDA
t4: SDA value is stable and shifted into the device
t3 → t5 (>10µs): writing Clock period
t3 → t5: 1 bit Data value
t5 → t6: 6 bits address of the destination latch
t6 → t7: 1 bit EXE command
t8: end of CFGI writing
t9: CFGI enters idle state
The same procedure should be applied for the mode signals, but in this case the 6-bits
address must be taken from the Table 15.
The lsb of command is also called EXE bit because instead of data bit value, the
corresponding serial clock pulse is used to generate the necessary latching signal. In this
way the writing mechanism does not need the measurement clock in order to operate, which
makes the operation of CFGI module of STPM1x completely independent from the rest of
the device logic except from the signal POR.
Commands for changing system signals should be sent during active signals SCS and SYN-
NP as it is shown in the Figure 21 -. A string of commands can be send within one period of
active signals SCS and SYN-NP.
Figure 21.
Timing for writing configuration and mode bits
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com