Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 20Page - STMicroelectronics STPM11 Datasheet HTML 21Page - STMicroelectronics STPM11 Datasheet HTML 22Page - STMicroelectronics STPM11 Datasheet HTML 23Page - STMicroelectronics STPM11 Datasheet HTML 24Page - STMicroelectronics STPM11 Datasheet HTML 25Page - STMicroelectronics STPM11 Datasheet HTML 26Page - STMicroelectronics STPM11 Datasheet HTML 27Page - STMicroelectronics STPM11 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
24/46
Doc ID 13167 Rev 8
7.12
Resetting the STPM1x
The STPM1x has no reset pin. The device is automatically reset by the POR circuit when
the VCC crosses the 2.5 V value. When the reset occurs, all clocks and both DC buffers in
the analog part are kept off for about 30 ms and all blocks of the digital part are held in a
reset state for about 125 ms after a reset condition.
Resetting the STPM1x causes all the functional modules of STPM1x to be cleared including
the OTP shadow latches (see 7.15 for OTP shadow latches description)
7.13
Energy to frequency conversion
The STPM1x provides energy to frequency conversion both for calibration and energy
readout purposes. In fact, one convenient way to verify the meter calibration is to provide a
pulse train signal with 50% duty cycle whose frequency signal is proportional to the active
energy under steady load conditions. It is convenient to have high frequency pulses during
calibration phase and low frequency for readout purposes; STPM1x supports both cases.
Let's suppose to choose a certain number of pulses on the LED pin (high frequency) that will
corresponds to 1 kWh. We will name this value as P.
The Active Energy frequency-based signal is available in the LED pin. The LED is driven
from internal signal AW (Active Energy) whose frequency is proportional to the active
energy. The desired P is achieved acting on the digital calibrators during the calibration
procedure.
The APL configuration bit changes the internal divider that provides the signal on the LED
pin according to Table 13, setting APL=1 the number of pulses are reduced in order to
provide low frequency pulses for readout purposes. The division factor is set according to
KMOT configuration bits. In this case the pulses will have a fixed width of 31.25 ms.
Figure 18.
Different oscillator circuits (a); (b); (c)
STPM12/14 with external source
STPM12/14 with quartz
STPM11/13
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com