Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 15Page - STMicroelectronics STPM11 Datasheet HTML 16Page - STMicroelectronics STPM11 Datasheet HTML 17Page - STMicroelectronics STPM11 Datasheet HTML 18Page - STMicroelectronics STPM11 Datasheet HTML 19Page - STMicroelectronics STPM11 Datasheet HTML 20Page - STMicroelectronics STPM11 Datasheet HTML 21Page - STMicroelectronics STPM11 Datasheet HTML 22Page - STMicroelectronics STPM11 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
19/46
For example, if R1 = 783k
Ω and R2 = 475Ω are used as resistor divider when the line
voltage is present, the positive voltage present at the input of the voltage channel of
STPM1x is:
Equation 3
since the maximum voltage value applicable to the voltage channel input of STPM1x is
+0.3V, the equivalent maximum line voltage applicable is:
Equation 4
VPK = R1+R2/R2 • 0.3 = 494.82
considering the case of NOM=2, the correspondent RMS values used for energy
computation is:
Equation 5
VRMS = VPK • 0.4219 = 208.76 [V]
Usually the supply voltage for the electronic meter is taken from the line voltage. In SWM,
since the line voltage is no longer present, another power source must be used in order to
provide the necessary supply to STPM1x and the other electronic components of the meter.
7.6
Power supply
The main STPM1X supply pin is the VCC pin. From the VCC pin two linear regulators provide
the necessary voltage for the analog part VDDA (3 V) and for the digital part VDDD (1.5 V).
The VSS pin represents the reference point for all the internal signals. The 100nF capacitor
should be connected between VCC and VSS, VDDA and VSS, VDDD and VSS. All these
capacitors must be located very close to the device.
The STPM1X contains a power-on-reset (POR) detection circuit. If the VCC supply is less
than 2.5 V, then the STPM1X goes into an inactive state, all the functions are blocked
asserting and a reset condition is set. This is useful to ensure that the correct device
operation at power-up and during power-down. The power supply monitor has built-in
hysteresis and filtering, which give a high degree of immunity to false triggering due to noisy
supply voltages.
A bandgap voltage reference (VBG) of 1.23 V ±1% is used as reference voltage level source
for the two linear regulators and for the A/D converters. Also, this module produces several
Table 11.
Nominal voltage values
NOM
KNOM
00.3594
10.3906
20.4219
30.4531
2
V
R
R
R
VI
RMS
2
1
2
⋅
+
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com