Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 23Page - STMicroelectronics STPM11 Datasheet HTML 24Page - STMicroelectronics STPM11 Datasheet HTML 25Page - STMicroelectronics STPM11 Datasheet HTML 26Page - STMicroelectronics STPM11 Datasheet HTML 27Page - STMicroelectronics STPM11 Datasheet HTML 28Page - STMicroelectronics STPM11 Datasheet HTML 29Page - STMicroelectronics STPM11 Datasheet HTML 30Page - STMicroelectronics STPM11 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
27/46
The very first CFG bit, called TSTD, is used to disable any change of system signals after it
has been permanently set. During the configuration phase, each bit set to logic level 1
increases the supply current of STPM01 of about 120 µA, until the TSTD bit is set to 1. The
residual increase of supply current is 2 µA per each bit set to 1. It is then recommended to
set the TSTD bit to 1 after the configuration procedure in order to keep the supply current as
low as possible.
The STPM1x can work either using the data stored in the OTP cells or the data available in
the shadow latches. This can be chosen according to the value RD Mode signal (see
paragraph 7.16 for description). If the RD is set, the CFG bits originates from corresponding
OTP shadow latches. If the RD is cleared, the CFG bits originates from corresponding OTP
antifuses. In this way, it is possible to temporarily set up certain configurations or calibrations
of the device then verify and change, if necessary. This exercise is extensively used during
production tests.
Each configuration bit can be written sending a byte command to STPM1x through its
configuration interface. The procedure to write the configuration bits is described in the
Configuration Interface section (7.17).
After the TSTD bit has been set, no other command can be sent to the STPM1x. This
implies that the shadow latches can no longer be used as source of configuration data.
Table 15.
Configuration bits map
Address
Name
N. of
bits
Description (1)
6-BIT
binary
DEC
000000
0
TSTD
1
Test mode and OTP write disable:
- TSTD=0: testing and continuous pre-charge of OTP when in read mode,
- TSTD=1:normal operation and no more writes to OTP
000001
1
MDIV
1
Measurement frequency range selection:
- MDIV=0: 4.000MHz to 4.194MHz,
- MDIV=1: 8.000MHz to 8.192MHz
000011
3
APL
1
LED pin frequency output:
- APL=0: P
- APL=1:
KMOT=0
→ P/64
KMOT=1
→ P/128
KMOT=2
→ P/32
KMOT=3
→ P/256
000101
5
PST
2
Current channel sensor type, gain and tamper selection:
STPM11/12
- PST=0: primary is Rogowsky coil x8 (x16 if ADDG=1)
- PST=1: primary is Rogowsky coil x24 (x32 if ADDG=1),
- PST=2: primary is CT x8,
- PST=3: primary is shunt x32,
STPM13/14
- PST=0: primary is Rogowsky coil x8 (x16 if ADDG=1), secondary is
Rogowsky coil x8 (x16 if ADDG=1),
- PST=1: primary is Rogowsky coil x24 (x32 if ADDG=1), secondary is
Rogowsky coil x24 (x32 if ADDG=1),
- PST=2: primary is CT x8, secondary is CT x8
- PST=3: primary is CT x8, secondary is shunt x32
000110
6 (1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com