Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 5Page - STMicroelectronics STPM12 Datasheet HTML 6Page - STMicroelectronics STPM12 Datasheet HTML 7Page - STMicroelectronics STPM12 Datasheet HTML 8Page - STMicroelectronics STPM12 Datasheet HTML 9Page - STMicroelectronics STPM12 Datasheet HTML 10Page - STMicroelectronics STPM12 Datasheet HTML 11Page - STMicroelectronics STPM12 Datasheet HTML 12Page - STMicroelectronics STPM12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Electrical characteristics
Doc ID 13167 Rev 8
9/46
4
Electrical characteristics
VCC = 5 V, TA= 25°C, 2.2 µF between VDDA and VSS, 2.2 µF between VDDD and VSS, 2.2 µF
between VCC and VSS unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Energy measurement accuracy
fBW
Effective bandwidth
Limited by digital filtering
5
400
Hz
eAW
Accuracy of active power
Over 1 to 1000 of dynamic range
0.1
%
SNR
Signal to noise ratio
Over the entire bandwidth
52
db
PSRRDC Power supply DC rejection
Voltage signal: 200mVrms/50Hz
Current signal: 10mVrms/50 Hz
fCLK= 4.194 MHz VCC=3.3V±10%,
5 V±10%
0.2
%
PSRRAC Power supply AC rejection
Voltage signal:
200 mVrms/50 Hz
Current signal:
10 mVrms/50 Hz
fCLK = 4.194 MHz,
VCC=3.3 V+0.2 Vrms1@100 Hz
VCC=5.0 V+0.2 Vrms1@100 Hz
0.1
%
General section
VCC
Operating supply voltage
3.0
5.5
V
ICC
Supply current configuration
registers cleared or device
locked (TSTD=1)
4 MHz, VCC = 5 V
3.5
4
mA
8 MHz, VCC = 5 V
4.7
6
ΔI
CC
Increase of supply current
per configuration bit, during
programming
4 MHz, VCC = 5 V
120
µA/bit
Increase of supply current
per configuration bit with
device locked
4 MHz, VCC = 5 V
2
POR
Power on reset on VCC
2.5
V
VDDA
Analog supply voltage
2.85
3.0
3.15
V
VDDD
Digital supply voltage
1.425
1.50
1.575
V
fCLK
Oscillator clock frequency
MDIV bit = 0
4.000
4.194
MHz
MDIV bit = 1
8.000
8.192
MHz
fLINE
Nominal line frequency
45
65
Hz
VOTP
OTP programming voltage
14
20
V
IOTP
OTP programming current
per bit
2.5
mA
tOTP
OTP programming time per
bit
100
300
µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com