Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 27Page - STMicroelectronics STPM12 Datasheet HTML 28Page - STMicroelectronics STPM12 Datasheet HTML 29Page - STMicroelectronics STPM12 Datasheet HTML 30Page - STMicroelectronics STPM12 Datasheet HTML 31Page - STMicroelectronics STPM12 Datasheet HTML 32Page - STMicroelectronics STPM12 Datasheet HTML 33Page - STMicroelectronics STPM12 Datasheet HTML 34Page - STMicroelectronics STPM12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
31/46
The condition in which SCS, SYN-NP and SCL-NLC inputs are set to high level determines
the idle state of the CFGI interface and no data transfer occurs.
– SCS: in the STPM1X, the SYN-NP, SCL-NLC and SDA-TD have the dual task to
provide information on the meter status (see Pin Description table) and to allow CFGI
communication. The SCS pin allows using the above pins for CFGI communication
when it is low and allows the normal operation of SYN-NP, SCL-NLC and SDA-TD
when it is high. In this section, the SYN-NP, SCL-NLC and SDA-TD operation as part
of the CFGI interface is described.
– SYN-NP: this pin allows synchronization of the communication between STPM1x and
the host. See Figure 21 - for detailed timing of the pin.
– SCL-NLC: it is basically the clock pin of the CFGI interface. This pin function is also
controlled by the SCS status. If SCS is low, SCL-NLC is the input of the serial bit
synchronization clock signal. When SCS is high, SCL-NLC is also high which
determines the idle state of the CFGI.
– SDA-TD is the Data pin. SDA-TD is the input of the serial bit data signal.
Any pin above has internal weak pull up device of nominal 15 A. This means that when a pin
is not forced by external signals, the state of the pin is logic high. A high state of any input
pin above is considered as an idle (not active) state. For the CFGI to operate correctly, the
STPM1x must be correctly supplied as described in the power supply section. When SCS is
active (low), signal SDA-TD should change its state at trailing edge of signal SCL-NLC and
the signal SDA-TD should be stable at the next leading edge of signal SCL-NLC. The first
valid bit of SDA-TD always starts with the activation of signal SCL-NLC.
Writing procedure
Each writable bit (configuration and mode bits) has its own 6-bit absolute address. For the
configuration bits, the 6-bit address value corresponds to its decimal value, while for the
mode bits, the addresses are the ones indicated in the Mode Signal paragraph (7.16).
In order to change the latch state, a byte of data must be sent to STPM1x via CFGI. This
byte consists of 1-bit data to be latched (msb), followed by 6-bit address of destination latch,
followed by 1-bit don't care data (lsb) which totals 8 bits of command byte.
For example, if we would like to set the configuration bit 52 (additional gain of 8) to 1, we
must convert the decimal 52 to its 6-bit binary value: 110100. The byte command will be
then composed like this:
1 bit DATA value+6-bits address+1 bit (0 or 1) as depicted in Figure 21. In this case the
binary command will be 11101000 (0xE8) or 11101001 (0xE9).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com