Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 17Page - STMicroelectronics STPM12 Datasheet HTML 18Page - STMicroelectronics STPM12 Datasheet HTML 19Page - STMicroelectronics STPM12 Datasheet HTML 20Page - STMicroelectronics STPM12 Datasheet HTML 21Page - STMicroelectronics STPM12 Datasheet HTML 22Page - STMicroelectronics STPM12 Datasheet HTML 23Page - STMicroelectronics STPM12 Datasheet HTML 24Page - STMicroelectronics STPM12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
21/46
7.8
Error detection
In addition to the no-load condition and the line frequency band, the integration of power can
be suspended also due to detected error on the source signals.
There are two kinds of error detection circuits involved. The first checks all the
∑ Δ signals
from the analog part if any are stacked at 1 or 0 within the 1/128 of fCLK period of
observation. In case of detected error the corresponding
∑ Δ signal is replaced with an idle
∑ Δ signal, which represents a constant value 0.
Another error, condition occurs if the MOP, MON and LED pin outputs signals are different
from the internal signals that drive them. This can occur if some of this pin is forced to GND
or to some other imposed voltage value.
7.9
Tamper detection module (STPM13/14 only)
The STPM13/14 is able to measure the current in both live and neutral wires to implement
an anti-tamper function. When a difference between the two measurements is detected, the
STPM13/14 enters the tamper state. When there is a very small difference between the two
channels, the STPM13/14 is in normal state.
In particular, both channels are not constantly observed. A time multiplex mechanism is
used. During the observation time of the selected channel, its active energy is calculated.
The detection of a tamper condition occurs when the absolute value of the difference
between the two active energy values is greater than a certain percentage of the averaged
energy during the activated tamper module. This percentage value can be selected between
two different values (12.5% and 6.25%) according to the value of the configuration bit CRIT.
The tamper condition will be detected when the following formula is satisfied:
Equation 6
EnergyCH1 - EnergyCH2 > KCRIT (EnergyCH1 + EnergyCH2)/2; where KCRIT can be 12.5%
or 6.25%.
The detection threshold is much higher than the accuracy difference of the current channels,
which should be less than 0.1%. Some margin should be left for a possible transition effect,
due to accidental synchronism between the actual load current change and the rhythm of
taking the energy samples.
The tamper circuit works if the energies associated with the two current channels will be
both positive or both negative. If the two energies have different signs, the tamper remains
on constantly. However, the channel with the associated higher power is selected for the
final computation of energy.
In single wire mode, the apparent energy rather than active is used for tamper detection.
Detailed operational description
Normal state
The meter is initially set to normal state, i.e. tamper not detected. In such state, we expect
that the values of both load currents should not differ more than the accuracy difference of
the channels. For this reason, we can use an average value of currents of both channels for
the active energy calculation. The average is implemented with the multiplex ratio of 32:32
periods of line per channel. This means that for 32 periods of line voltage, i.e. 640 ms at 50
Hz, the current of the primary channel is used for the calculation followed by another 32
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com