Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 14Page - STMicroelectronics STPM12 Datasheet HTML 15Page - STMicroelectronics STPM12 Datasheet HTML 16Page - STMicroelectronics STPM12 Datasheet HTML 17Page - STMicroelectronics STPM12 Datasheet HTML 18Page - STMicroelectronics STPM12 Datasheet HTML 19Page - STMicroelectronics STPM12 Datasheet HTML 20Page - STMicroelectronics STPM12 Datasheet HTML 21Page - STMicroelectronics STPM12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
18/46
Doc ID 13167 Rev 8
Equation 1
(CT/Shunt)
Equation 2
(Rogowsky)
Where KV is the voltage calibrator value ranging from 0.875 to 1.000.
The BFR flag is cleared when the VIRMS value goes above twice VIRMS-BFR. When the BFR
error is set, the computation of power is suspended and MOP, MON and LED will be held
low.
7.5
Single wire meter mode (STPM13/14 with Rogowsky coil
sensor)
STPM1X supports the single wire meter (SWM) operation when working with Rogowsky
Coil current sensors. In SWM mode there is no available voltage information in the voltage
channel. It is possible that someone has disconnected one wire (live or neutral) of the meter
for tampering purposes or in case the line voltage is very stable, it is possible to use a
predefined value for computing the energy without sensing it.
In order to enable the SWM mode, the STPM1X must be configured with PST values of 0 or
1. In this way, if the BFR error is detected, STPM1X enters in SWM. If BFR is cleared, the
energy calculation is performed normally. When BFR is set (no voltage information is
available), the energy computation is carried out using a nominal voltage value according to
the NOM configuration bits.
Since there is no information on the phase shift between voltage and current, the apparent
rather than active power is used for tamper and energy computation. The calculated
apparent energy will be the product between IRMS (effectively measured) and an equivalent
VRMS that can be calculated as follows:
VRMS=VPK*KNOM, where VPK represents the maximum line voltage reading of the
STPM1X and KNOM is a coefficient that changes according to Table 11:
V
BFR
IRMS
K
6703
64
V
⋅
=
−
V
BFR
IRMS
K
6687
64
V
⋅
=
−
Table 10.
RMS voltage check
BFR-on
BFR-off
Rogowsky
0.009571/Kv
0.019142/Kv
CT-Shunt
0.0078/Kv
0.0156/Kv
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com