Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 26Page - STMicroelectronics STPM12 Datasheet HTML 27Page - STMicroelectronics STPM12 Datasheet HTML 28Page - STMicroelectronics STPM12 Datasheet HTML 29Page - STMicroelectronics STPM12 Datasheet HTML 30Page - STMicroelectronics STPM12 Datasheet HTML 31Page - STMicroelectronics STPM12 Datasheet HTML 32Page - STMicroelectronics STPM12 Datasheet HTML 33Page - STMicroelectronics STPM12 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
30/46
Doc ID 13167 Rev 8
7.16
Mode signals
The STPM1x includes four mode signals. These signals change some of the operation of
the STPM1x. The mode signals are not retained when the STPM1x supply is not available
and then they are cleared when a POR occurs.
The mode signals bit can be written using the normal writing procedure of the CFGI
interface (see CFGI par. 7.17)
– RD mode signal has been already described in par. 7.15 (configuring the STPM1x),
but there is another implied function of the signal RD. When it is set, each sense
amplifier is disconnected from corresponding antifuse element and this way, its 3 V
NMOS gate is protected from the high voltage of VOTP during permanent write
operation. This means that as long as the VOTP voltage reads more than 3 V, the
signal RD should be set.
– PUMP. When set, the PUMP mode signal transforms the MOP and MON pins to act
as driving signals to implement a charge-pump DC-DC converter (see Figure 23).
This feature is useful in order to boost the VCC supply voltage of the STPM1x to
generate the VOTP voltage (14 V to 20 V) needed to program the OTP anti-fuse
elements.
– WE (write Enable): This mode signal is used to permanently write to the OTP anti-
fuse element. When this bit is not set, any writing to the configuration bit is recorded
in the shadow latches. When this bit is set, the writing is recorded both in the shadow
latch and in the OTP anti-fuse element.
7.17
CFGI: configuration interface
The CFGI interface supports a simple serial protocol, which is implemented in order to
enable the configuration of STPM1x which allows writing the mode bits and the
configuration bits (temporarily or permanently);
Four pins of the device are dedicated to this purpose: SCS, SYN-NP, SCLNCN, SDATD.
SCS, SYN-NP, SCL-NLC and SDATD are all input pins. A high level signal for these pins
means a voltage level higher than 0.75 x VCC, while a low level signal means a voltage value
lower than 0.25 x VCC.
Table 16.
Mode signals description
Signal
Name
Bit
Value
Status
Binary
Command
Hex
Command
PUMP
0
MOP and MON operate normally
0111001x
72 or 73
1
MOP and MON provide the driving signals to implement a
charge-pump DC-DC converter
1111001x
F2 or F3
RD
0
The 56 Configuration bits originated by OTP anti-fuses
0111101x
7A or 7B
1
The 56 Configuration bits originated by shadow latches
1111101x
FA or FB
WE
0
Any writing in the configuration bits is recorded in the shadow
latches
0111110x
7C or 7D
1
Any writing in the configuration bits is recorded both in the
shadow latches and in the OTP anti-fuse elements
1111110x
FC or FD
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com