Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 8Page - STMicroelectronics STPM12 Datasheet HTML 9Page - STMicroelectronics STPM12 Datasheet HTML 10Page - STMicroelectronics STPM12 Datasheet HTML 11Page - STMicroelectronics STPM12 Datasheet HTML 12Page - STMicroelectronics STPM12 Datasheet HTML 13Page - STMicroelectronics STPM12 Datasheet HTML 14Page - STMicroelectronics STPM12 Datasheet HTML 15Page - STMicroelectronics STPM12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Terminology
STPM11, STPM12, STPM13, STPM14
12/46
Doc ID 13167 Rev 8
5
Terminology
5.1
Measurement error
The error associated with the energy measured by STPM1X is defined as:
Percentage Error = [STPM1X (reading) - True Energy] / True Energy
5.2
ADC offset error
This is the error due to the DC component associated with the analog inputs of the A/D
converters. Due to the internal automatic DC offset cancellation, the STPM1X measurement
is not affected by DC components in voltage and current channel. The DC offset
cancellation is implemented in the DSP.
5.3
Gain error
The gain error is gain due to the signal channel gain amplifiers. This is the difference
between the measured ADC code and the ideal output code. The difference is expressed as
a percentage of the ideal code.
5.4
Power supply DC and AC rejection
This parameter quantifies the STPM1X measurement error as a percentage of the reading
when the power supplies are varied. For the PSRRAC measurement, a reading at two
nominal supply voltages (3.3 and 5 V) is taken. A second reading is obtained with the same
input signal levels when an ac (200 mVRMS/100 Hz) signal is introduced onto the supply
voltages. Any error introduced by this ac signal is expressed as a percentage of reading.
For the PSRRDC measurement, a reading at two nominal supply voltages (3.3 and 5 V) is
taken. A second reading is obtained with the same input signal levels when the supplies are
varied ±10%. Any error introduced is again expressed as a percentage of the reading.
5.5
Conventions
The lowest analog and digital power supply voltage is named VSS which represents the
system Ground (GND). All voltage specifications for digital input/output pins are referred to
GND.
Positive currents flow into a pin. Sinking current means that the current is flowing into the pin
and is positive. Sourcing current means that the current is flowing out of the pin and is
negative.
The timing specifications of the signal treated by digital control are relative to CLKOUT. This
signal is provided by from the crystal oscillator of 4.194 MHz nominal frequency or by the
internal RC oscillator. An external source of 4.194 MHz or 8.192 MHz can be used.
The timing specifications of signals of the CFGI interface are relative to the SCL-NLC, there
is no direct relationship between the clock (SCL-NLC) of the CFGI interface and the clock of
the DSP block.
A positive logic convention is used in all equations.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com