Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 21Page - STMicroelectronics STPM12 Datasheet HTML 22Page - STMicroelectronics STPM12 Datasheet HTML 23Page - STMicroelectronics STPM12 Datasheet HTML 24Page - STMicroelectronics STPM12 Datasheet HTML 25Page - STMicroelectronics STPM12 Datasheet HTML 26Page - STMicroelectronics STPM12 Datasheet HTML 27Page - STMicroelectronics STPM12 Datasheet HTML 28Page - STMicroelectronics STPM12 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
25/46
Due to the innovative and proprietary power calculation algorithm, the frequency signal is
not affected by any ripple at twice the line frequency. This feature strongly reduces the
calibration time of the meter.
7.14
Driving a stepper motor
The STPM1x is able to directly drive a stepper motor. An internal divider (mono-flop and
decoder) generates stepper driving signals MA and MB from signal AW. The MA and MB
signals are brought to the MOP and MON pins that are able to drive the stepper motor.
Several kinds of selections are possible for the driving signals according to the configuration
bits LVS and KMOT.
The numbers of pulses per kWh (PM) in the MOP and MON outputs are linked with the
number of pulses of the LED P (see previous paragraph - 7.13) pin with the following
relationship.
The mono-flop limits the length of the pulses according to the LVS bit value.
The decoder distributes the pulses to MA and MB alternatively, which means that each of
them has only one half of selected frequency.
Negative power is computed with its own sign, and the MOP and MON signals invert their
logic state in order to make the backward rotation direction of the motor. See the diagram
below.
Table 13.
Different settings for led signal
KMOT (2 Bits)
APL=0
APL=1
Pulses
Pulses
0
P
P/64
1
P/128
2
P/32
3
P/256
Table 14.
Configuration of MOP and MON pins
LVS (1 Bit)
KMOT (2 Bits)
Pulses length
PM
0
0
31.25 ms
P/64
0
1
31.25 ms
P/128
0
2
31.25 ms
P/32
0
3
31.25 ms
P/256
1
0
156.25 ms
P/640
1
1
156.25 ms
P/1280
1
2
156.25 ms
P/320
1
3
156.25 ms
P/2560
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com