Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 3Page - STMicroelectronics STPM13 Datasheet HTML 4Page - STMicroelectronics STPM13 Datasheet HTML 5Page - STMicroelectronics STPM13 Datasheet HTML 6Page - STMicroelectronics STPM13 Datasheet HTML 7Page - STMicroelectronics STPM13 Datasheet HTML 8Page - STMicroelectronics STPM13 Datasheet HTML 9Page - STMicroelectronics STPM13 Datasheet HTML 10Page - STMicroelectronics STPM13 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Pin configuration
Doc ID 13167 Rev 8
7/46
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Type (1)
Name and function
1
MON
P O
Output for Stepper’s node
2
MOP
P O
Output for Stepper’s node
3
SCS
D IN
Enable or disable configuration interface for device configuration.
4VDDD
A OUT
1.5 V Output of internal low drop regulator which supplies the digital core.
5VSS
GND
Ground.
6VCC
P IN
Supply voltage.
7VOTP
P INr
Supply voltage for OTP cells.
8VDDA
A OUT
3 V output of internal low drop regulator which supplies the analog part.
9IIP1
A IN
Positive input of primary current channel
10
IIN1
A IN
Negative input of primary current channel
11
IIP2
A IN
Positive input of secondary current channel (STPM13/14 only)
12
IIN2
A IN
Negative input of secondary current channel (STPM13/14 only)
13
VIP
A IN
Positive input of voltage channel
14
VIN
A IN
Negative input of voltage channel
15
SYN-NP
D I/O
Negative power indicator. (Configuration interface)
16
CLKIN
A IN
Crystal oscillator input or resistor connection if RC oscillator is selected
17
CLKOUT
A OUT
Oscillator output (RC or crystal)
18
SCL/NLC
D I/O
No-load condition indicator. (Configuration interface)
19
SDATD
D I/O
Tamper detection indicator. (Configuration interface)
20
LED
D O
Pulsed output proportional to active energy
1.
A: Analog, D: Digital, P: Power
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com