Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 11Page - STMicroelectronics STPM13 Datasheet HTML 12Page - STMicroelectronics STPM13 Datasheet HTML 13Page - STMicroelectronics STPM13 Datasheet HTML 14Page - STMicroelectronics STPM13 Datasheet HTML 15Page - STMicroelectronics STPM13 Datasheet HTML 16Page - STMicroelectronics STPM13 Datasheet HTML 17Page - STMicroelectronics STPM13 Datasheet HTML 18Page - STMicroelectronics STPM13 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
15/46
7
Theory of operation
7.1
General operation
The STPM1X is able to perform active energy measurement (wide band or fundamental) in
single-phase energy meter systems.
Due to the proprietary energy computation algorithm, STPM1X active energy is not affected
by any ripple at twice the line frequency. The calibration is very easy and fast allowing
calibration in only one point over the whole current range which allows saving time during
the calibration phase of the meter. The calibration parameters are permanently stored in the
OTP (one time programmable) cells, preventing calibration tampering.
Several functions are programmable using internal configuration bits accessible through the
configuration interface. The most important configuration bits are two configuration bits
called PST that allow the selection of the sensor and the gain of the input amplifiers.
The STPM1X is able to directly drive a stepper motor with the MOP and MON pins, and
provides information on tamper, no-load and negative power.
Two kinds of active energy can be selected to be brought to the LED pin: the total active
energy that includes all harmonic content in bandwidth or the active energy limited to the 1st
harmonic only. This last energy value is obtained by filtering the wide band active energy.
7.2
Analog inputs
Input amplifiers
The STPM1X has one fully differential voltage input channel and one (STPM11/12) or two
(STPM13/14) fully differential current input channels.
The voltage channel consists of a differential amplifier with a gain of 4. The maximum
differential input voltage for the voltage channel is ± 0.3 V.
In STPM13/14, the two current channels are multiplexed (see tamper section for details) to
provide a single input to a preamplifier with a gain of 4. The output of this preamplifier is
connected to the input of a programmable gain amplifier (PGA) with possible gain selections
of 2, 4, 6, 8. The total gain of the current channels will be then 8, 16, 24, 32. The gain
selections are made by writing to the gain configuration bits PST and it can be different for
the two current channels. The maximum differential input voltage is dependent on the
selected gain according to the Table 7:
Table 7.
Voltage channel
Voltage channels
Current channels
Gain
Max input voltage (V)
Gain
Max input voltage (V)
4
±0.30
8X
±0.15
16X
±0.075
24X
±0.05
32X
±0.035
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com