Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 19Page - STMicroelectronics STPM13 Datasheet HTML 20Page - STMicroelectronics STPM13 Datasheet HTML 21Page - STMicroelectronics STPM13 Datasheet HTML 22Page - STMicroelectronics STPM13 Datasheet HTML 23Page - STMicroelectronics STPM13 Datasheet HTML 24Page - STMicroelectronics STPM13 Datasheet HTML 25Page - STMicroelectronics STPM13 Datasheet HTML 26Page - STMicroelectronics STPM13 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Theory of operation
Doc ID 13167 Rev 8
23/46
When internal signals are not good enough to perform the computation, i.e. line period is out
or range or
∑Δ signals from the analog part are stacked at high or low logic level, or no load
condition is activated, the tamper module is disabled and its state is preset to normal.
7.10
Phase compensation
The STPM1X is does not introduce any phase shift between voltage and current channels.
However, the voltage and current signals come from transducers, which could have inherent
phase errors. For example, a phase error of 0.1° to 0.3° is not uncommon for a current
transformer (CT). These phase errors can vary from part to part, and they must be corrected
in order to perform accurate power calculations. The errors associated with phase mismatch
are particularly noticeable at low power factors. The STPM1x provide a means of digitally
calibrating these small phase errors through a introducing delays on the voltage or current
signal. The amount of phase compensation can be set using the 4 bits of the phase
calibration register (CPH).
The default value of this register is at a value of 0 which gives 0° phase compensation. A
CPH value of 15 (1111) introduces a phase compensation of +0.576°. This compensates
the phase shift usually introduced by the current sensor, while the voltage sensor, normally
a resistor divider, does not introduce any delay. The resolution step of the phase
compensation is 0.038°.
7.11
Clock generator
All the internal timing of the STPM1X is based on the CLKOUT signal. This signal is
generated by different circuits according to the STPM1x version.
●
STPM11/13: Internal RC Oscillator. A resistor connected between CLKIN and Ground
will set the RC current. For 4 MHz operation the suggested settling resistor is 12 k
Ω;
The oscillator frequency can be compensated using the CRC configuration bit (see
Table 15 and Figure 14)
●
STPM12/14: Quartz Oscillator. The oscillator circuit is designed to support an external
crystal. The suggested circuit is depicted in Figure 18. These versions support also an
external oscillator signal source that must be connected to the CLKOUT pin.
The clock generator is powered from analog supply and is responsible for two tasks. The
first one is to retard the turn-on of some function blocks after POR in order to help smooth
start of external power supply circuitry by keeping all major loads off.
The second task of the clock generator is to provide all necessary clocks for analog and
digital parts. Within this task, the MDIV configuration bit is used to inform the device about
the nominal frequency value of CLKOUT. The suggested operation frequency range is from
4.000 MHz to 4.194 MHz.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com